Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906SCPZN-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5906SCPZN-R2
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906SCPZN-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5906SCPZN-R2 Datasheet HTML 21Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 22Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 23Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 24Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 25Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 26Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 27Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 28Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
ADL5906
Rev. 0 | Page 25 of 32
USING VTEMP TO IMPROVE INTERCEPT
TEMPERATURE DRIFT
In applications where VTEMP and VRMS are both being digitized
by an ADC, the VTEMP voltage can be used to further improve
the temperature drift of the ADL5906.
As shown in Figure 54, whereas the slope is stable vs. the
temperature at 2140 MHz, the intercept of the ADL5906 does
vary slightly vs. temperature (approximately +0.3 dB at +85°C
and −0.8 dB at −40°C). This variation in intercept is constant vs.
input power level at most frequencies. Table 7 lists the average
temperature coefficient of VRMS in mV/°C at frequencies from
100 MHz to 5.8 GHz. This temperature coefficient is given by
the following equation:
TCVRMS = (DRIFTVRMS/ΔTEMP) × Slope
(18)
where:
DRIFTVRMS is the specified drift of VRMS (scaled in dB) from
ambient to either −40°C or +85°C at an input power level of
0 dBm (see Table 1).
∆TEMP is equal to either +65°C for cold drift (that is, +25°C −
(−40°C)) or +60°C for hot drift (that is, +85°C − +25°C).
Slope is the specified slope of VRMS (see Table 1).
For example, at 2.14 GHz, TCVRMS for hot drift can be calculated as
TCVRMS = (0.3 dB/60°C) × 56 mV/dB = 0.28 mV/°C
The value for slope that is used can also be the slope that is
calculated during device calibration. This gives results that are
slightly more accurate because there is slight variation in slope
from device to device.
Table 7 also lists the typical temperature coefficient of the VTEMP
temperature sensor output. To calculate the appropriate amount of
compensation required at a particular frequency, a VTEMP weighting
factor is calculated. This is simply the ratio of the temperature
coefficients of VTEMP and VRMS. These weighting factors are
also shown in Table 7.
Using the data shown in Table 7, an adjusted value for VRMS (VRMS‘)
can be calculated using the following equation:
−
−
=
Factor
Weighting
V
V
V
'
V
TEMP25
TEMP
RMS
RMS
(19)
where:
VTEMP25 is equal to the voltage measured on VTEMP during system
calibration at ambient temperature.
VTEMP is equal to the voltage on VTEMP during normal operation.
Figure 55 to Figure 62 show typical plots of VRMS’ vs. input level
and temperature at frequencies from 100 MHz to 5.8 GHz when
this temperature compensation algorithm is applied.
From a system calibration and operation perspective, the only
additional measurements that are required to implement this
algorithm are measurement and storage of VTEMP during calibration
(that is, at ambient temperature) and measurement of VTEMP
during operation. All other information required to implement
this algorithm (that is, nominal temperature drift of VRMS and
temperature coefficient of VTEMP) is based on typical data sheet
specifications.
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
VRMS' –40°C
VRMS' +25°C
VRMS' +85°C
ERROR –40°C
ERROR +25°C
ERROR +85°C
VTADJ = 0.35V
Figure 55. VRMS’ and Log Conformance Error vs. Input Level and Temperature
at 100 MHz Using VTEMP Intercept Compensation
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VRMS' –40°C
VRMS' +25°C
VRMS' +85°C
ERROR –40°C
ERROR +25°C
ERROR +85°C
VTADJ = 0.35V
Figure 56. VRMS’ and Log Conformance Error vs. Input Level and Temperature
at 700 MHz Using VTEMP Intercept Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com