Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906SCPZN-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5906SCPZN-R2
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906SCPZN-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5906SCPZN-R2 Datasheet HTML 9Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 10Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 11Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 12Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 13Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 14Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 15Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADL5906
Rev. 0 | Page 13 of 32
1000
800
600
400
200
0
2.8
3.0
3.2
2.9
3.1
3.3
3.4
3.5
VRMS (V)
REPRESENTS 4500 PARTS
Figure 27. Distribution of VRMS, PIN = −10 dBm, 900 MHz
1000
800
600
400
200
0
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
VRMS (V)
REPRESENTS 4500 PARTS
Figure 28. Distribution of VRMS, PIN = −45 dBm, 900 MHz
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
5
10
15
20
25
30
35
40
45
50
TIME (µs)
RF BURST PULSE
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
Figure 29. Output Response to RF Burst Input, Carrier Frequency = 2.14 GHz,
CRMS = 1 nF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TIME (ms)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RF BURST PULSE
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
Figure 30. Output Response to RF Burst Input, Carrier Frequency = 2.14 GHz,
CRMS = 0.1 µF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TIME (µs)
0
2
4
6
8
10
12
14
16
18
20
22
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
TADJ/PWDN
PULSE
Figure 31. Output Response Using Power-Down Mode for Various RF Input
Levels, Carrier Frequency = 2.14 GHz, CRMS = 1 nF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0.5
1.0
1.5
2.0
2.5
TIME (ms)
TADJ/PWDN
PULSE
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
Figure 32. Output Response Using Power-Down Mode for Various RF Input
Levels, Carrier Frequency = 2.14 GHz, CRMS = 0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com