Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906SCPZN-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5906SCPZN-R2
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906SCPZN-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5906SCPZN-R2 Datasheet HTML 13Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 14Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 15Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 17Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 18Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 19Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 20Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADL5906
Rev. 0 | Page 17 of 32
When forcing the previous identity by varying the VGA setpoint, it
is apparent that
RMS(VSIG) = √(Mean(VSIG2)) = √(VATG2) = VATG
(5)
Substituting the value of VSIG from Equation 2 results in
RMS(G0 × RFIN e
)
/
(
GNS
SET
V
V
−
) = VATG
(6)
When connected as a measurement device, VSET = VRMS. Solving
for VRMS as a function of RFIN,
VRMS = VSLOPE × log10(RMS(RFIN)/VZ)
(7)
where:
VSLOPE = 1.12 V/decade (or 56 mV/dB) at 2.14 GHz.
VZ is the intercept voltage.
When RMS(RFIN) = VZ, this implies that VRMS = 0 V because
log10(1) = 0. This makes the intercept the input that forces VRMS =
0 V if the ADL5906 had no sensitivity limit.
In most applications, the AGC loop is closed through the setpoint
interface and the VSET pin. In measurement mode, VRMS is
directly connected to VSET (see the Measurement Mode Basic
Connections section for more information). In controller mode,
a control voltage is applied to VSET, and the VRMS pin typically
drives the control input of an amplification or attenuation system.
In this case, the voltage at the VSET pin forces a signal amplitude
at the RF inputs of the ADL5906 that balances the system through
feedback.
RF INPUT INTERFACE
Figure 42 shows the RF input connections within the ADL5906.
Two internal 2.5 kΩ resistors connected between RFIN+ and RFIN−
primarily set the input impedance. A dc level of approximately
half the supply voltage on each pin is established internally at
the center point of the bias resistors. Either the RFIN+ or the
RFIN− pin can be used as the single-ended RF input pin. Connect
signal coupling capacitors from the input signal to the RFIN+
and RFIN− pins. A single external 60.4 Ω resistor to ground
from the desired input creates an equivalent 50 Ω impedance
over a broad section of the operating frequency range. RF ac-couple
the other input pin to common (ground). The input signal high-
pass corner formed by the internal and external resistances of
the input coupling capacitor is
fHIGHPASS = 1/(2 × π × 50 × C)
(8)
where C is the capacitance in farads, and fHIGHPASS is in hertz.
The input coupling capacitors must be large enough in value to
pass the input signal frequency of interest and determine the low
end of the frequency response. RFIN+ and RFIN− can also be
driven differentially using a balun.
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
ESD
RFIN–
RFIN+
VPOS
VBIAS
GND
LOAD
2.5kΩ
2.5kΩ
Figure 42. RF Inputs
Extensive ESD protection is employed on the RF inputs, and this
protection limits the maximum possible input to the ADL5906.
TEMPERATURE SENSOR INTERFACE
The ADL5906 provides a temperature sensor output with a scaling
factor of the output voltage of approximately 4.8 mV/°C. The
output is capable of sourcing 4 mA and sinking 50 µA maximum
at 25°C. An external resistor can be connected from VTEMP to
GND to provide additional current sink capability. The typical
output voltage at 25°C is approximately 1.4 V.
VTEMP
VPOS
GND
INTERNAL
VPAT
12kΩ
4kΩ
Figure 43. TEMP Interface Simplified Schematic
VREF INTERFACE
The VREF pin provides an internally generated voltage reference
for the user. The VREF voltage is a temperature stable 2.3 V
reference that is capable of sourcing 4 mA and sinking 50 µA
maximum. An external resistor can be connected from VREF
to GND to provide additional current sink capability. The
voltage on this pin can be used to drive the TADJ/PWDN and
VTGT pins.
INTERNAL
VOLTAGE
16kΩ
VREF
VPOS
GND
Figure 44. VREF Interface Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com