Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906SCPZN-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5906SCPZN-R2
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906SCPZN-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5906SCPZN-R2 Datasheet HTML 6Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 7Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 8Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 9Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 10Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 11Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 12Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 13Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADL5906
Data Sheet
Rev. 0 | Page 10 of 32
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
PIN (dBm)
VTADJ = 0.35V
CALIBRATION AT 0dBm, –40dBm, AND –55dBm
–65
–55
–45
–35
–25
–15
–5
5
Figure 9. VRMS and Log Conformance Error vs. Input Level and Temperature at
100 MHz
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
PIN (dBm)
VTADJ = 0.35V
CALIBRATION AT 0dBm, –40dBm, AND –55dBm
–65
–55
–45
–35
–25
–15
–5
5
Figure 10. VRMS and Log Conformance Error vs. Input Level and Temperature
at 700 MHz
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
5
PIN (dBm)
VTADJ = 0.35V
CALIBRATION AT 0dBm, –40dBm, AND –55dBm
–65
–55
–45
–35
–25
–15
–5
Figure 11. VRMS and Log Conformance Error vs. Input Level and Temperature
at 900 MHz
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
VTADJ = 0.35V
Figure 12. Distribution of Log Conformance Error with Respect to VRMS at
25°C vs. Input Level and Temperature at 100 MHz
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
VTADJ = 0.35V
Figure 13. Distribution of Log Conformance Error with Respect to VRMS at
25°C vs. Input Level and Temperature at 700 MHz
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
VTADJ = 0.35V
Figure 14. Distribution of Log Conformance Error with Respect to VRMS at
25°C vs. Input Level and Temperature at 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com