Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2380AREZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2380AREZ-R7
Description  20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2380AREZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2380AREZ-R7 Datasheet HTML 6Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 7Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 8Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 9Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 10Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 11Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 12Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 13Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP2380
Data Sheet
Rev. 0 | Page 10 of 28
CH2 5.00V
CH4
2.00A Ω
CH1 2.00V
CH3 5.00V
M2.00ms
A CH2
4.40V
1
3
2
4
T 60.40%
EN/SS
PGOOD
VOUT
IL
B
W
B
W
B
W
Figure 22. Precharged Output
CH1 100mV
M200µs
A CH4
2.96A
1
4
T 70.40%
CH4 2.00A Ω
VOUT (AC)
IOUT
B
W
B
W
Figure 23. Load Transient Response, 1 A to 4 A
CH2 10.0V
CH4 5.00A Ω
CH1 2.00V
M4.00ms
A CH1
1.32V
1
2
4
T 20.40%
VOUT
SW
IL
B
W
B
W
Figure 24. Output Short Entry
CH2 10.0V
M1.00µs
A CH2
7.40V
3
2
T 50.40%
CH3 5.00V
SYNC
SW
B
W
Figure 25. External Synchronization
CH1 20mV
M1ms
A CH3
13.8V
1
2
3
T 30%
CH3 5V
Ω
B
W
B
W
CH2 10V B
W
VOUT (AC)
VIN
SW
Figure 26. Line Transient Response, VIN from 10 V to 16 V, IOUT = 4 A
CH2 10.0V
CH4 5.00A Ω
CH1 2.00V
M4.00ms
A CH1
1.96V
1
2
4
T 70.20%
VOUT
SW
IL
B
W
B
W
Figure 27. Output Short Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com