Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2380AREZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP2380AREZ-R7
Description  20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2380AREZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP2380AREZ-R7 Datasheet HTML 20Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 21Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 22Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 23Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 24Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 25Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 26Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 27Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADP2380
Data Sheet
Rev. 0 | Page 26 of 28
TYPICAL APPLICATIONS CIRCUITS
ADP2380
1
PVIN
PVIN
UVLO
PGOOD
RT
SYNC
EN/SS
COMP
BST
SW
SW
LD
VREG
PGND
GND
FB
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RTOP
10kΩ
1%
RBOT
10kΩ
1%
CSS
22nF
CIN
10µF
25V
COUT
470µF
6.3V
VOUT = 1.2V
CBST
0.1µF
CVREG
1µF
L1
2.2µH
VIN = 12V
CCP
68pF
CC
2.2nF
RC
68kΩ
M1
FDS6298
ROSC
100kΩ
Figure 39. Compensation Network Between COMP and GND, VIN = 12 V, VOUT = 1.2 V, IOUT = 4 A, fSW = 500 kHz
ADP2380
1
PVIN
PVIN
UVLO
PGOOD
RT
SYNC
EN/SS
COMP
BST
SW
SW
LD
VREG
PGND
GND
FB
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RTOP
20kΩ
1%
RBOT
10kΩ
1%
CSS
22nF
CIN
10µF
25V
COUT1
100µF
6.3V
COUT2
100µF
6.3V
VOUT = 1.8V
CBST
0.1µF
CVREG
1µF
L1
2.2µH
VIN = 12V
CC_EA
470pF
CCP_EA
2.2pF
RC_EA
110kΩ
M1
FDS6298
R1
7.32kΩ
1%
R2
1kΩ
1%
ROSC
100kΩ
Figure 40. Programming Input Voltage UVLO Rising Threshold at 10 V, VIN = 12 V, VOUT = 1.8 V, IOUT = 4 A, fSW = 500 kHz
ADP2380
1
PVIN
PVIN
UVLO
PGOOD
RT
SYNC
EN/SS
COMP
BST
SW
SW
LD
VREG
PGND
GND
FB
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ROSC
82kΩ
RTOP
22kΩ
1%
RSOT
3kΩ
1%
CIN
10µF
25V
COUT
100µF
6.3V
VOUT = 5V
CBST
0.1µF
CVREG
1µF
L1
4.7µH
VIN = 12V
CC_EA
820pF
CCP_EA
1pF
RC_EA
100kΩ
M1
FDS6298
Figure 41. Using Internal Soft Start, Programming Switching Frequency at 600 kHz, VIN = 12 V, VOUT = 5 V, IOUT = 4 A, fSW = 600 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com