Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2380AREZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2380AREZ-R7
Description  20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2380AREZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2380AREZ-R7 Datasheet HTML 18Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 19Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 20Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 21Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 22Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 23Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 24Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 25Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADP2380
Data Sheet
Rev. 0 | Page 22 of 28
RECOMMENDED EXTERNAL COMPONENTS
Table 11. Recommended External Components for Typical Applications with Compensation Network Between COMP and GND Pins,
4 A Output Current
fSW (kHz)
VIN (V)
VOUT (V)
L (µH)
COUT (µF)1
RTOP (kΩ)
RBOT (kΩ)
RC (kΩ)
CC (pF)
CCP (pF)
250
12
1
3.3
680 + 2 × 100
10
15
47
3900
150
12
1.2
3.3
680
10
10
47
3900
100
12
1.5
4.7
680
15
10
60.4
3900
100
12
1.8
4.7
470
20
10
51
3900
100
12
2.5
6.8
3 × 100
47.5
15
28
3900
10
12
3.3
6.8
2 × 100
10
2.21
24
3900
10
12
5
10
100 + 47
22
3
29.4
3900
6.8
5
1
3.3
680 + 2 × 100
10
15
47
3900
150
5
1.2
3.3
680
10
10
47
3900
100
5
1.5
3.3
470
15
10
39
3900
100
5
1.8
3.3
3 × 100
20
10
20
3900
15
5
2.5
4.7
2 × 100
47.5
15
18.2
3900
10
5
3.3
3.3
2 × 100
10
2.21
24
3900
10
500
12
1.2
2.2
470
10
10
68
2200
68
12
1.5
2.2
3 × 100
15
10
33
2200
10
12
1.8
2.2
2 × 100
20
10
26.7
2200
10
12
2.5
3.3
2 × 100
47.5
15
37.4
2200
6.8
12
3.3
4.7
2 × 100
10
2.21
47
2200
4.7
12
5
4.7
100
22
3
37.4
2200
3.3
5
1
1.5
470
10
15
56
2200
68
5
1.2
1.5
3 × 100
10
10
26.7
2200
10
5
1.5
2.2
3 × 100
15
10
33
2200
10
5
1.8
2.2
2 × 100
20
10
26.7
2200
10
5
2.5
2.2
2 × 47
47.5
15
21
2200
6.8
5
3.3
2.2
100 + 47
10
2.21
37.4
2200
4.7
1000
12
1.8
1.5
2 × 100
20
10
51
1000
4.7
12
2.5
1.5
100
47.5
15
37.4
1000
3.3
12
3.3
2.2
100
10
2.21
47
1000
2.2
12
5
2.2
100
22
3
69
1000
1
5
1
1
3 × 100
10
15
43.2
1000
8.2
5
1.2
1
2 × 100
10
10
33
1000
6.8
5
1.5
1
100 + 47
15
10
33
1000
4.7
5
1.8
1
2 × 47
20
10
30
1000
4.7
5
2.5
1
100
47.5
15
37.4
1000
3.3
5
3.3
1
100
10
2.21
47
1000
2.2
1
680 μF: 4 V, Sanyo 4TPF680M; 470 μF: 6.3 V, Sanyo 6TPF470M; 100 μF: 6.3 V, X5R, Murata GRM32ER60J107ME20; 47 μF: 6.3 V, X5R, Murata GRM32ER60J476ME20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com