Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2380AREZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2380AREZ-R7
Description  20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2380AREZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2380AREZ-R7 Datasheet HTML 7Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 8Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 9Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 10Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 11Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 12Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 13Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 14Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADP2380
Rev. 0 | Page 11 of 28
5
0
1
2
3
4
45
55
65
75
85
95
105
AMBIENT TEMPERATURE (°C)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
Figure 28. Load Current vs. Ambient Temperature, VIN = 12 V,
fSW = 500 kHz
5
0
1
2
3
4
45
55
75
65
85
95
105
AMBIENT TEMPERATURE (°C)
VOUT = 1V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
Figure 29. Load Current vs. Ambient Temperature, VIN = 12 V,
fSW = 250 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com