Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2380AREZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2380AREZ-R7
Description  20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2380AREZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2380AREZ-R7 Datasheet HTML 8Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 9Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 10Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 11Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 12Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 13Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 14Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 15Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADP2380
Data Sheet
Rev. 0 | Page 12 of 28
FUNCTIONAL BLOCK DIAGRAM
ADP2380
OSCILLATOR
RT
SYNC
UVLO
CLK
SLOPE RAMP
CONTROL
LOGIC
AND MOSFET
DRIVER WITH
ANTICROSS
PROTECTION
PGOOD
GND
UVLO
SLOPE RAMP
LD
PGND
+
–
+
0.6V
ISS
EN/SS
FB
AMP
COMP
0.7V
0.54V
1.2V
OVP
CLK
+
–
+
–
+
–
Σ
IMAX
HICCUP
MODE
CMP
OCP
+
–
+
–
SW
NFET
BST
DRIVER
VREG
DRIVER
BOOST
REGULATOR
DEGLITCH
BIAS AND DRIVER
REGULATOR
+
–
ACS
PVIN
VREG
320kΩ
125kΩ
PVIN
NEGATIVE
CURRENT-LIMIT
CMP
+
–
Figure 30. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com