Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2380AREZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2380AREZ-R7
Description  20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2380AREZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2380AREZ-R7 Datasheet HTML 12Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 13Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 14Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 15Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 16Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 17Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 18Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 19Page - Analog Devices ADP2380AREZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADP2380
Data Sheet
Rev. 0 | Page 16 of 28
For a duty cycle that is larger than 50%, the minimum inductor
value is determined by the following equation:
L(Minimum) =
SW
OUT
f
D
V
×
−
×
2
)
1
(
The inductor peak current is calculated using the following
equation:
IPEAK = IOUT +
2
L
I
∆
The saturation current of the inductor must be larger than
the peak inductor current. For the ferrite core inductors with
a quick saturation characteristic, the saturation current rating
of the inductor must be higher than the current-limit threshold of
the switch to prevent the inductor from becoming saturated.
The rms current of the inductor can be calculated by
12
2
2
L
OUT
RMS
I
I
I
∆
+
=
Shielded ferrite core materials are recommended for low core
loss and low EMI. Table 7 lists some recommended inductors.
Table 7. Recommended Inductors
Vendor
Part No.
Value (µH)
ISAT (A)
IRMS (A)
DCR (mΩ)
Toko
FDVE1040-1R5M
1.5
13.7
14.6
4.6
FDVE1040-2R2M
2.2
11.4
11.6
6.8
FDVE1040-3R3M
3.3
9.8
9.0
10.1
FDVE1040-4R7M
4.7
8.2
8.0
13.8
FDVE1040-6R8M
6.8
7.1
7.1
20.2
FDVE1040-100M
10
6.1
5.2
34.1
Vishay
IHLP4040DZ-1R0M-01
1.0
36
17.5
4.1
IHLP4040DZ-1R5M-01
1.5
27.5
15
5.8
IHLP4040DZ-2R2M-01
2.2
25.6
12
9
IHLP4040DZ-3R3M-01
3.3
18.6
10
14.4
IHLP4040DZ-4R7M-01
4.7
17
9.5
16.5
IHLP4040DZ-6R8M-01
6.8
13.5
8.0
23.3
IHLP4040DZ-100M-01
10
12
6.8
36.5
Würth Elektronik
744 325 120
1.2
25
20
1.8
744 325 180
1.8
18
16
3.5
744 325 240
2.4
17
14
4.75
744 325 330
3.3
15
12
5.9
744 325 420
4.2
14
11
7.1
744 325 550
5.5
12
10
10.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com