Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-03-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5586ACBZ-03-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-03-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5586ACBZ-03-R7 Datasheet HTML 22Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 23Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 24Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 25Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 26Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 27Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 28Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 29Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
ADP5586
Data Sheet
Rev. 0 | Page 26 of 44
R_PULL_CONFIG_A, Register 0x17
Default = 0101 0101
Table 32. R_PULL_CONFIG_A Bit Descriptions
Bits
Bit Name
Access
Description
[7:6]
R3_PULL_CFG
Read/write
00 = enables 300 kΩ pull-up resistor.
01 = enables 300 kΩ pull-down resistor.
10 = enables 100 kΩ pull-up resistor.
11 = disables all pull-up/pull-down resistors.
[5:4]
R2_PULL_CFG
Read/write
00 = enables 300 kΩ pull-up resistor.
01 = enables 300 kΩ pull-down resistor.
10 = enables 100 kΩ pull-up resistor.
11 = disables all pull-up/pull-down resistors.
[3:2]
R1_PULL_CFG
Read/write
00 = enables 300 kΩ pull-up resistor.
01 = enables 300 kΩ pull-down resistor.
10 = enables 100 kΩ pull-up resistor.
11 = disables all pull-up/pull-down resistors.
[1:0]
R0_PULL_CFG
Read/write
00 = enables 300 kΩ pull-up resistor.
01 = enables 300 kΩ pull-down resistor.
10 = enables 100 kΩ pull-up resistor.
11 = disables all pull-up/pull-down resistors.
R_PULL_CONFIG_B, Register 0x18
Default = 0000 0101
Table 33. R_PULL_CONFIG_B Bit Descriptions
Bits
Bit Name
Access
Description
[7:4]
Reserved
Reserved
Reserved.
[3:2]
R5_PULL_CFG
Read/write
Reserved except for the ADP5586ACBZ-01-R7 options.
00 = enables 300 kΩ pull-up resistor.
01 = enables 300 kΩ pull-down resistor.
10 = enables 100 kΩ pull-up resistor.
11 = disables all pull-up/pull-down resistors.
[1:0]
R4_PULL_CFG
Read/write
00 = enables 300 kΩ pull-up resistor.
01 = enables 300 kΩ pull-down resistor.
10 = enables 100 kΩ pull-up resistor.
11 = disables all pull-up/pull-down resistors.
R_PULL_CONFIG_C, Register 0x19
Default = 0101 0001
Table 34. R_PULL_CONFIG_C Bit Descriptions
Bits
Bit Name
Access
Description
[7:6]
C3_PULL_CFG
Read/write
00 = enables 300 kΩ pull-up resistor.
01 = enables 300 kΩ pull-down resistor.
10 = enables 100 kΩ pull-up resistor.
11 = disables all pull-up/pull-down resistors.
[5:4]
C2_PULL_CFG
Read/write
00 = enables 300 kΩ pull-up resistor.
01 = enables 300 kΩ pull-down resistor.
10 = enables 100 kΩ pull-up resistor.
11 = disables all pull-up/pull-down resistors.
[3:2]
C1_PULL_CFG
Read/write
00 = enables 300 kΩ pull-up resistor.
01 = enables 300 kΩ pull-down resistor.
10 = enables 100 kΩ pull-up resistor.
11 = disables all pull-up/pull-down resistors.
[1:0]
C0_PULL_CFG
Read/write
00 = enables 300 kΩ pull-up resistor.
01 = enables 300 kΩ pull-down resistor.
10 = enables 100 kΩ pull-up resistor.
11 = disables all pull-up/pull-down resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com