Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-03-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP5586ACBZ-03-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-03-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP5586ACBZ-03-R7 Datasheet HTML 29Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 30Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 31Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 32Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 33Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 34Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 35Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 36Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Data Sheet
ADP5586
Rev. 0 | Page 33 of 44
GPIO_INP_EN_B, Register 0x2A
Table 51. GPIO_INP_EN_B Bit Descriptions
Bits
Bit Name
Access
Description
[7:5]
Reserved
Reserved
Reserved.
4
GPIO_11_INP_EN
Read/write
0 = GPIO 11 input disabled.
1 = GPIO 11 input enabled.
3
GPIO_10_INP_EN
Read/write
0 = GPIO 10 input disabled.
1 = GPIO 10 input enabled.
2
GPIO_9_INP_EN
Read/write
0 = GPIO 9 input disabled.
1 = GPIO 9 input enabled.
1
GPIO_8_INP_EN
Read/write
0 = GPIO 8 input disabled.
1 = GPIO 8 input enabled.
0
GPIO_7_INP_EN
Read/write
0 = GPIO 7 input disabled.
1 = GPIO 7 input enabled.
RESET_EVENT_A, Register 0x2B
Table 52. RESET_EVENT_A Bit Descriptions
Bits
Bit Name
Access
Description
7
RESET_EVENT_A_LEVEL
Read/write
Defines which level the first reset event should be to generate the RESET_OUT
signal.
For key events, use the following settings:
0 = inactive event used as a reset condition.
1 = active event used as a reset condition.
For GPIs and logic outputs configured for FIFO updates, use the following settings:
0 = not applicable; releases not used for reset generation.
1 = press is used as a reset event.
[6:0]
RESET_EVENT_A[6:0]
Read/write
Defines an event that can be used to generate the RESET_OUT signal. Up to three
events can be defined for generating the RESET_OUT signal, using
RESET_EVENT_A[6:0], RESET_EVENT_B[6:0], and RESET_EVENT_C[6:0]. If one of the
registers is 0, that register is not used for reset generation. All reset events must be
detected at the same time to trigger the reset.
RESET_EVENT_B, Register 0x2C
Table 53. RESET_EVENT_B Bit Descriptions
Bits
Bit Name
Access
Description
7
RESET_EVENT_B_LEVEL
Read/write
Defines which level the second reset event should be to generate the RESET_OUT
signal. Refer to Table 52.
[6:0]
RESET_EVENT_B[6:0]
Read/write
Defines an event that can be used to generate the RESET_OUT signal. See Table 12.
RESET_EVENT_C, Register 0x2D
Table 54. RESET_EVENT_C Bit Descriptions
Bits
Bit Name
Access
Description
7
RESET_EVENT_C_LEVEL
Read/write
Defines which level the third reset event should be to generate the RESET_OUT
signal. Refer to Table 52.
[6:0]
RESET_EVENT_C[6:0]
Read/write
Defines an event that can be used to generate the RESET_OUT signal. See Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com