Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-03-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5586ACBZ-03-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-03-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5586ACBZ-03-R7 Datasheet HTML 11Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 12Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 13Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 14Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 15Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 16Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 17Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 18Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Data Sheet
ADP5586
Rev. 0 | Page 15 of 44
RESET BLOCK
The ADP5586 features a reset block that can generate reset con-
ditions if certain events are detected simultaneously. Up to three
reset trigger events can be programmed for RESET_OUT. The
event scan control blocks monitor whether these events are
present for the duration of RESET_TRIG_TIME[3:0] (Register
0x2E, Bits[5:2]). If they are present, reset-initiate signals are sent
to the reset generator blocks. The generated reset signal pulse
width is programmable.
RESET_PULSE_WIDTH[1:0]
RESET_TRIG_TIME[3:0]
RESET_EVENT_A[7:0]
RESET_EVENT_B[7:0]
RESET_EVENT_C[7:0]
RST_PASSTHRU_EN
RST
(R4)
RESET_OUT
RESET_
INITIATE
RESET
GEN
KEY
SCAN
CONTROL
GPI
SCAN
CONTROL
LOGIC
BLOCK
CONTROL
Figure 20. Reset Blocks
The RESET_OUT signal uses the R4 I/O pin as its output,
which must be configured via the GPIO_5_OUT_EN bit
(Register 0x27, Bit 4) to enable the output function. A pass-
through mode also allows the RST pin function to be output on
the R4 pin.
The reset generation signals are useful in situations where the
system processor has locked up and the system is unresponsive
to input events. The user can press one of the reset event combi-
nations and initiate a system-wide reset, which eliminates the need
to remove the battery from the system and perform a hard reset.
The use of the immediate trigger time setting (see Table 55) is
recommended only in very low noise conditions with good
debounce; otherwise, false triggering may occur.
INTERRUPTS
The INT pin can be asserted low if any of the internal interrupt
sources is active. The user can select which internal interrupts
interact with the external interrupt pin in Register 0x3E (see
Table 71). Register 0x3D allows the user to choose whether the
external interrupt pin remains asserted, or deasserts for 50 μs
and then reasserts, as in the case where multiple internal
interrupts are asserted and one is cleared (see Table 70).
EVENT_INT
EVENT_IEN
INT DRIVE
INT
INT_CFG
GPI_INT
GPI_IEN
LOGIC_INT
LOGIC_IEN
OVRFLOW_INT
OVRFLOW_IEN
Figure 21. Asserting INT Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com