Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-03-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP5586ACBZ-03-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-03-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP5586ACBZ-03-R7 Datasheet HTML 30Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 31Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 32Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 33Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 34Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 35Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 36Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 37Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
ADP5586
Data Sheet
Rev. 0 | Page 34 of 44
RESET_CFG, Register 0x2E
Table 55. RESET_CFG Bit Descriptions
Bits
Bit Name
Access
Description
7
RESET_POL
Read/write
Sets the polarity of the RESET_OUT signal.
0 = RESET_OUT is active low.
1 = RESET_OUT is active high.
6
RST_PASSTHRU_EN
Read/write
Allows the RST pin to override (OR with) the RESET_OUT signal.
[5:2]
RESET_TRIG_TIME[3:0]
Read/write
Defines the length of time that the reset events must be active before a RESET_OUT
signal is generated. All events must be active at the same time for the same duration.
0000 = immediate.
0001 = 1.0 sec.
0010 = 1.5 sec.
0011 = 2.0 sec.
0100 = 2.5 sec.
0101 = 3.0 sec.
0110 = 3.5 sec.
0111 = 4.0 sec.
1000 = 5.0 sec.
1001 = 6.0 sec.
1010 = 7.0 sec.
1011 = 8.0 sec.
1100 = 9.0 sec.
1101 = 10.0 sec.
1110 = 11.0 sec.
1111 = 12.0 sec.
[1:0]
RESET_PULSE_WIDTH[1:0]
Read/write
Defines the pulse width of the RESET_OUT signal.
00 = 500 μs.
01 = 1 ms.
10 = 2 ms.
11 = 10 ms.
PULSE_GEN_1_DELAY, Register 0x2F
Table 56. PULSE_GEN_1_DELAY Bit Descriptions
Bits
Bit Name
Access
Description
[7:0]
PULSE_GEN_1_DELAY[7:0]
Read/write
Defines initial delay from the first clock of the first enable of Pulse Generator 1.
Delay is defined as the number of clock cycles of the chosen period clock speed
(see Register 0x35). For example,
PULSE_GEN_1_DELAY
PULSE_GEN_1_PRD_CLK
0
1
0000 0000
0
0 ms
0000 0001
1
125 ms
0000 0010
2
250 ms
0000 0011
3
375 ms
0000 0100
4
500 ms
…
…
…
1111 1110
254 ms
31.750 sec
1111 1111
255 ms
31.875 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com