Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-03-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP5586ACBZ-03-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-03-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP5586ACBZ-03-R7 Datasheet HTML 32Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 33Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 34Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 35Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 36Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 37Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 38Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 39Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
ADP5586
Data Sheet
Rev. 0 | Page 36 of 44
PULSE_GEN_2_PERIOD, Register 0x33
Table 60. PULSE_GEN_2_PERIOD Bit Descriptions
Bits
Bit Name
Access
Description
[7:0]
PULSE_GEN_2_PERIOD[7:0]
Read/write
Defines period of Pulse Generator 2. Period is defined as the number of clock cycles
of the chosen period clock speed (see Register 0x35). For example,
PULSE_GEN_2_PERIOD
PULSE_GEN_2_PRD_CLK
0
1
0000 0000
0000 0001
0000 0010
0000 0011
0000 0100
1111 1110
1111 1111
0 ms
1 ms
2 ms
3 ms
4 ms
254 ms
255 ms
0 ms
125 ms
250 ms
375 ms
500 ms
31.750 sec
31.875 sec
PULSE_GEN_2_ON_TIME, Register 0x34
Table 61. PULSE_GEN_2_ON_TIME Bit Descriptions
Bits
Bit Name
Access
Description
[7:0]
PULSE_GEN_2_ON_TIME[7:0]
Read/write
Defines on time of Pulse Generator 2. On time is defined as the number of clock
cycles of the chosen clock speed (see Register 0x35). For example,
PULSE_GEN_2_ON_TIME
PULSE_GEN_2_ON_CLK
0
1
0000 0000
0000 0001
0000 0010
0000 0011
0000 0100
1111 1110
1111 1111
0 ms
1 ms
2 ms
3 ms
4 ms
254 ms
255 ms
0 ms
125 ms
250 ms
375 ms
500 ms
31.750 sec
31.875 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com