Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-03-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5586ACBZ-03-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-03-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5586ACBZ-03-R7 Datasheet HTML 17Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 18Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 19Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 20Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 21Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 22Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 23Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 24Page - Analog Devices ADP5586ACBZ-03-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet
ADP5586
Rev. 0 | Page 21 of 44
DETAILED REGISTER DESCRIPTIONS
Note that all registers default to 0000 0000, unless otherwise specified.
ID, Register 0x00
Default: 0011 XXXX (where X = don’t care)
Table 8. ID Bit Descriptions
Bits
Bit Name
Access
Description
[7:4]
MAN_ID
Read only
Manufacturer ID, default = 0011
[3:0]
REV_ID
Read only
Revision ID
INT_STATUS, Register 0x01
Table 9. INT_STATUS Bit Descriptions
Bits
Bit Name
Access
Description1
[7:5]
Reserved
Reserved
Reserved.
4
LOGIC_INT
Read/write
0 = no interrupt.
1 = interrupt due to a general logic condition.
3
Reserved
Reserved
Reserved.
2
OVERFLOW_INT
Read/write
0 = no interrupt.
1 = interrupt due to an overflow condition.
1
GPI_INT
Read/write
This bit is not set by a GPI that has been configured to update the FIFO and event count.
This bit cannot be cleared until all GPI_x_INT bits are cleared.
0 = no interrupt.
1 = interrupt due to a general GPI condition.
0
EVENT_INT
Read/write
0 = no interrupt.
1 = interrupt due to key event (press/release), GPI event (GPI programmed for FIFO
updates), or logic event (programmed for FIFO updates).
1
Interrupt bits are cleared by writing a 1 to the flag; writing a 0 or reading the flag has no effect.
Status, Register 0x02
Table 10. Status Bit Descriptions
Bits
Bit Name
Access
Description
7
Reserved
Reserved
Reserved.
6
LOGIC_STAT
Read only
0 = output from logic block (LY) is low.
1 = output from logic block (LY) is high.
5
Reserved
Reserved
Reserved.
[4:0]
EC[4:0]
Read only
Event count value. Indicates how many events are currently stored on the FIFO.
FIFO_1, Register 0x03
Table 11. FIFO_1 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT1_STATE
Read only
This bit represents the state of the event that is recorded in the EVENT1_IDENTIFIER[6:0] bits.
For key events from Event 1 to Event 36, use the following settings:
1 = key is pressed.
0 = key is released.
For GPI and logic events from Event 37 to Event 48, use the following settings:
1 = GPI/logic is active.
0 = GPI/logic is inactive.
Active and inactive states for Event 37 to Event 48 are programmable.
[6:0]
EVENT1_IDENTIFIER[6:0]
Read only
Contains the event identifier for the pin. See Table 12 for event decoding information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com