Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8422ARMZ
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8422ARMZ Datasheet HTML 1Page - Analog Devices AD8422ARMZ Datasheet HTML 2Page - Analog Devices AD8422ARMZ Datasheet HTML 3Page - Analog Devices AD8422ARMZ Datasheet HTML 4Page - Analog Devices AD8422ARMZ Datasheet HTML 5Page - Analog Devices AD8422ARMZ Datasheet HTML 6Page - Analog Devices AD8422ARMZ Datasheet HTML 7Page - Analog Devices AD8422ARMZ Datasheet HTML 8Page - Analog Devices AD8422ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD8422
Rev. 0 | Page 5 of 24
Test Conditions/
Comments
AD8422ARZ
AD8422BRZ
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
Dual-supply operation
±1.8
±18
±1.8
±18
V
Single-supply
operation
3.6
36
3.6
36
V
Quiescent Current
300
330
300
330
µA
Over Temperature
T = −40°C to +85°C
400
400
µA
TEMPERATURE RANGE
Specified Performance
–40
+85
–40
+85
°C
Operating Range6
–40
+125
–40
+125
°C
1
Total RTI noise = √eNI2 + (eNO/G)2
2
Total RTI VOS = (VOSI) + (VOSO/G).
3
Gain does not include the effects of the external resistor, RG.
4
One input grounded. G = 1.
5
Output current limited at cold temperatures. See Figure 35.
6
See Typical Performance Characteristics for expected operation between 85°C and 125°C.
MSOP PACKAGE
VS = ±15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 2 kΩ, unless otherwise noted.
Table 2.
Test Conditions/
Comments
AD8422ARMZ
AD8422BRMZ
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO
CMRR DC to 60 Hz with 1 kΩ
Source Imbalance
VCM = −10 V to +10 V
G = 1
86
90
dB
G = 10
106
110
dB
G = 100
126
130
dB
G = 1000
146
150
dB
Over Temperature, G = 1
T = −40°C to +85°C
83
86
CMRR at 7 kHz
VCM = −10 V to +10 V
G = 1
80
80
dB
G = 10
90
95
dB
G = 100
100
100
dB
G = 1000
100
100
dB
NOISE1
Voltage Noise, 1 kHz
Input Voltage Noise, eNI
VIN+, VIN−, VREF = 0 V
8
8
nV/√Hz
Output Voltage Noise, eNO
80
80
nV/√Hz
Peak to Peak, RTI
f = 0.1 Hz to 10 Hz
G = 1
2
2
µV p-p
G = 10
0.5
0.5
µV p-p
G = 100 to 1000
0.15
0.15
µV p-p
Current Noise
f = 1 kHz
90
90
110
fA/√Hz
f = 0.1 Hz to 10 Hz
8
8
pA p-p
VOLTAGE OFFSET2
Input Offset, VOSI
VS = ±1.8 V to ±15 V
70
50
µV
Over Temperature
T = −40°C to +85°C
110
75
µV
Average Temperature
Coefficient
0.6
0.4
µV/°C
Output Offset, VOSO
VS = ±1.8 V to ±15 V
300
150
µV
Over Temperature
T = −40°C to +85°C
500
300
µV
Average Temperature
Coefficient
5
2
µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com