Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8422ARMZ
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8422ARMZ Datasheet HTML 15Page - Analog Devices AD8422ARMZ Datasheet HTML 16Page - Analog Devices AD8422ARMZ Datasheet HTML 17Page - Analog Devices AD8422ARMZ Datasheet HTML 18Page - Analog Devices AD8422ARMZ Datasheet HTML 19Page - Analog Devices AD8422ARMZ Datasheet HTML 20Page - Analog Devices AD8422ARMZ Datasheet HTML 21Page - Analog Devices AD8422ARMZ Datasheet HTML 22Page - Analog Devices AD8422ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD8422
Rev. 0 | Page 19 of 24
THEORY OF OPERATION
A3
A1
A2
Q2
Q1
C1
C2
+IN
–IN
+VS
–VS
10kΩ
10kΩ
10kΩ
+VS
–VS
OUTPUT
REF
NODE 1
NODE 2
IB
COMPENSATION
IB
COMPENSATION
RG
VB
I
I
+VS
+VS
+VS
10kΩ
R1
9.9kΩ
R2
9.9kΩ
DIFFERENCE
AMPLIFIER STAGE
ESD AND
OVERVOLTAGE
PROTECTION
ESD AND
OVERVOLTAGE
PROTECTION
superβ
NODE 3
NODE 4
superβ
–VS
–VS
Figure 57. Simplified Schematic
ARCHITECTURE
The AD8422 is based on the classic 3-op-amp instrumentation
amplifier topology. This topology has two stages: a preamplifier
to provide differential amplification followed by a difference
amplifier that removes the common-mode voltage. Figure 57
shows a simplified schematic of the AD8422.
Topologically, Q1, A1, R1 and Q2, A2, R2 can be viewed as
precision current feedback amplifiers that maintain a fixed
current in the emitters of Q1 and Q2. Any change in the input
signal forces the output voltages of A1 and A2 to change accord-
ingly and maintain the Q1 and Q2 current at the correct value.
This causes a precise diode drop from –IN and +IN to Node 3
and Node 4, respectively, so that the differential signal applied
to the inputs is replicated across the RG pins. Any current
through RG must also flow through R1 and R2, creating the
gained differential voltage between Node 1 and Node 2.
The amplified differential signal and the common-mode signal
are applied to a difference amplifier that rejects the common-
mode voltage but preserves the amplified differential voltage.
Laser-trimmed resistors allow for a highly accurate in-amp with a
gain error of less than 0.01% and a CMRR that exceeds 94 dB
(G = 1). The supply current is precisely trimmed to reduce
uncertainties due to part-to-part variations in power dissipation
and noise. The high performance pinout and special attention to
design and layout allow for high CMRR across a wide frequency
and temperature range. Using superbeta input transistors and
bias current compensation, the AD8422 offers extremely high
input impedance and low bias current, as well as very low voltage
noise while using only 300 µA supply current. The overvoltage
protection scheme allows the input to go 40 V from the opposite
rail at all gains without compromising the noise performance.
The transfer function of the AD8422 is
VOUT = G × (VIN+ − VIN−) + VREF
where:
G
R
G
kΩ
19.8
1+
=
GAIN SELECTION
Placing a resistor across the RG terminals sets the gain of the
AD8422 that can be calculated by referring to Table 6 or by
using the following gain equation:
1
kΩ
19.8
−
=
G
RG
The AD8422 defaults to G = 1 when no gain resistor is used. Add
the tolerance and gain drift of the RG resistor to the specifications
of the AD8422 to determine the total gain accuracy of the system.
When the gain resistor is not used, gain error and gain drift are
minimal.
Table 6. Gains Achieved Using 1% Resistors
1% Standard Table Value of RG (Ω)
Calculated Gain
19.6 k
2.010
4.99 k
4.968
2.21 k
9.959
1.05 k
19.86
402
50.25
200
100.0
100
199.0
39.2
506.1
20
991.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com