Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8422ARMZ
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8422ARMZ Datasheet HTML 2Page - Analog Devices AD8422ARMZ Datasheet HTML 3Page - Analog Devices AD8422ARMZ Datasheet HTML 4Page - Analog Devices AD8422ARMZ Datasheet HTML 5Page - Analog Devices AD8422ARMZ Datasheet HTML 6Page - Analog Devices AD8422ARMZ Datasheet HTML 7Page - Analog Devices AD8422ARMZ Datasheet HTML 8Page - Analog Devices AD8422ARMZ Datasheet HTML 9Page - Analog Devices AD8422ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8422
Data Sheet
Rev. 0 | Page 6 of 24
Test Conditions/
Comments
AD8422ARMZ
AD8422BRMZ
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Offset RTI vs. Supply (PSR)
VS = ±1.8 V to ±18 V
G = 1
90
110
100
120
dB
G = 10
110
130
120
140
dB
G = 100
124
150
140
160
dB
G = 1000
130
150
140
160
dB
INPUT CURRENT
Input Bias Current
VS = ±1.8 V to ±15 V
0.5
1
0.2
0.5
nA
Over Temperature
T = −40°C to +85°C
2
1
nA
Average Temperature
Coefficient
4
4
pA/°C
Input Offset Current
VS = ±1.8 V to ±15 V
0.2
0.3
0.1
0.15
nA
Over Temperature
T = −40°C to +85°C
0.8
0.3
nA
Average Temperature
Coefficient
1
1
pA/°C
REFERENCE INPUT
RIN
20
20
kΩ
IIN
VIN+, VIN−, VREF = 0 V
35
50
35
50
µA
Voltage Range
−VS
+VS
−VS
+VS
V
Gain to Output
1
1
V/V
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
2200
2200
kHz
G = 10
850
850
kHz
G = 100
120
120
kHz
G = 1000
12
12
kHz
Settling Time 0.01%
10 V step
G = 1
13
13
µs
G = 10
13
13
µs
G = 100
12
12
µs
G = 1000
80
80
µs
Settling Time 0.001%
10 V step
G = 1
15
15
µs
G = 10
15
15
µs
G = 100
15
15
µs
G = 1000
160
160
µs
Slew Rate
G = 1 to 100
0.8
0.8
V/µs
GAIN3
G = 1 + (19.8 kΩ/RG)
Gain Range
1
1000
1
1000
V/V
Gain Error
VOUT ± 10 V
G = 1
0.03
0.01
%
G = 10
0.2
0.04
%
G = 100
0.2
0.04
%
G = 1000
0.2
0.04
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 1
RL = 2 kΩ
0.5
5
0.5
5
ppm
G = 10
2
5
2
5
ppm
G = 100
4
10
4
10
ppm
G = 1000
10
20
10
20
ppm
Gain vs. Temperature
G = 1
5
1
ppm/°C
G > 1
−80
−80
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com