Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8422ARMZ
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8422ARMZ Datasheet HTML 3Page - Analog Devices AD8422ARMZ Datasheet HTML 4Page - Analog Devices AD8422ARMZ Datasheet HTML 5Page - Analog Devices AD8422ARMZ Datasheet HTML 6Page - Analog Devices AD8422ARMZ Datasheet HTML 7Page - Analog Devices AD8422ARMZ Datasheet HTML 8Page - Analog Devices AD8422ARMZ Datasheet HTML 9Page - Analog Devices AD8422ARMZ Datasheet HTML 10Page - Analog Devices AD8422ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD8422
Rev. 0 | Page 7 of 24
Test Conditions/
Comments
AD8422ARMZ
AD8422BRMZ
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
INPUT
Input Impedance
Differential
200||2
200||2
GΩ||pF
Common Mode
200||2
200||2
GΩ||pF
Input Operating Voltage Range4
VS = ±1.8 V to ±18 V
−VS + 1.2
+VS − 1.1
−VS + 1.2
+VS − 1.1
V
Over Temperature
T = −40°C to +85°C
−VS + 1.2
+VS − 1.2
−VS + 1.2
+VS − 1.2
V
OUTPUT
Output Swing, RL = 10 kΩ
VS = ±15 V
−VS + 0.2
+VS − 0.2
−VS + 0.2
+VS − 0.2
V
Over Temperature
T = −40°C to +85°C
−VS + 0.25
+VS − 0.25
−VS + 0.25
+VS − 0.25
V
Output Swing, RL = 10 kΩ
VS = ±1.8 V
−VS + 0.12
+VS − 0.12
−VS + 0.12
+VS − 0.12
V
Over Temperature
T = −40°C to +85°C
−VS + 0.13
+VS − 0.13
−VS + 0.13
+VS − 0.13
V
Output Swing, RL = 2 kΩ
VS = ±15 V
−VS + 0.25
+VS − 0.25
−VS + 0.25
+VS − 0.25
V
Over Temperature5
T = −40°C to +85°C
−VS + 0.3
+VS – 1.4
−VS + 0.3
+VS – 1.4
V
Output Swing, RL = 2 kΩ
VS = ±1.8 V
−VS + 0.15
+VS − 0.15
−VS + 0.15
+VS − 0.15
V
Over Temperature
T = −40°C to +85°C
−VS + 0.2
+VS − 0.2
−VS + 0.2
+VS − 0.2
V
Short-Circuit Current
20
20
mA
POWER SUPPLY
Operating Range
Dual-supply operation
±1.8
±18
±1.8
±18
V
Single-supply operation
3.6
36
3.6
36
V
Quiescent Current
300
330
300
330
µA
Over Temperature
T = −40°C to +85°C
400
400
µA
TEMPERATURE RANGE
Specified Performance
–40
+85
–40
+85
°C
Operating Range6
–40
+125
–40
+125
°C
1
Total RTI Noise = √eNI2 + (eNO/G)2
2
Total RTI VOS = (VOSI) + (VOSO/G).
3
Gain does not include the effects of the external resistor, RG.
4
One input grounded. G = 1.
5
Output current limited at cold temperatures. See Figure 35.
6
See Typical Performance Characteristics for expected operation between 85°C and 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com