Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8422ARMZ
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8422ARMZ Datasheet HTML 1Page - Analog Devices AD8422ARMZ Datasheet HTML 2Page - Analog Devices AD8422ARMZ Datasheet HTML 3Page - Analog Devices AD8422ARMZ Datasheet HTML 4Page - Analog Devices AD8422ARMZ Datasheet HTML 5Page - Analog Devices AD8422ARMZ Datasheet HTML 6Page - Analog Devices AD8422ARMZ Datasheet HTML 7Page - Analog Devices AD8422ARMZ Datasheet HTML 8Page - Analog Devices AD8422ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
High Performance, Low Power, Rail-to-Rail
Precision Instrumentation Amplifier
Data Sheet
AD8422
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power: 330 µA maximum quiescent current
Rail-to-rail output
Low noise and distortion
8 nV/√Hz maximum input voltage noise at 1 kHz
0.15 µV p-p RTI noise (G = 100)
0.5 ppm nonlinearity with 2 kΩ load (G = 1)
Excellent ac specifications
80 dB minimum CMRR at 7 kHz (G = 1)
2.2 MHz bandwidth (G = 1)
High precision dc performance (AD8422BRZ)
150 dB minimum CMRR (G = 1000)
0.04% maximum gain error (G = 1000)
0.3 µV/°C maximum input offset drift
0.5 nA maximum input bias current
Wide supply range
3.6 V to 36 V single supply
±1.8 V to ±18 V dual supply
Input overvoltage protection: 40 V from opposite supply
Gain range: 1 to 1000
APPLICATIONS
Medical instrumentation
Industrial process controls
Strain gages
Transducer interfaces
Precision data acquisition systems
Channel-isolated systems
Portable instrumentation
CONNECTION DIAGRAM
TOP VIEW
(Not to Scale)
–IN
1
RG
2
RG
3
+IN
4
+VS
8
VOUT
7
REF
6
–VS
5
AD8422
Figure 1. 8-Lead MSOP (RM), 8-Lead SOIC (R)
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
10
100
1k
5k
FREQUENCY (Hz)
RL = 2kΩ
VOUT = ±10V
G = 1000
G = 100
G = 10
G = 1
Figure 2. Total Harmonic Distortion vs. Frequency
GENERAL DESCRIPTION
The AD8422 is a high precision, low power, low noise, rail-to-rail
instrumentation amplifier that delivers the best performance
per unit microampere in the industry. The AD8422 processes
signals with ultralow distortion performance that is load
independent over its full output range.
The AD8422 is the third generation development of the industry-
standard AD620. The AD8422 employs new process technologies
and design techniques to achieve higher dynamic range and
lower errors than its predecessors, while consuming less than
one-third of the power. The AD8422 uses the high performance
pinout introduced by the AD8221.
Very low bias current makes the AD8422 error-free with high
source impedance, allowing multiple sensors to be multiplexed
to the inputs. Low voltage noise and low current noise make the
AD8422 an ideal choice for measuring a Wheatstone bridge.
The wide input range and rail-to-rail output of the AD8422
bring all of the benefits of a high performance in-amp to single-
supply applications. Whether using high or low supply voltages,
the power savings make the AD8422 an excellent choice for
high channel count or power sensitive applications on a very
tight error budget.
The AD8422 uses robust input protection that ensures reliability
without sacrificing noise performance. The AD8422 has high
ESD immunity, and the inputs are protected from continuous
voltages up to 40 V from the opposite supply rail.
A single resistor sets the gain from 1 to 1000. The reference pin
can be used to apply a precise offset to the output voltage.
The AD8422 is specified from −40°C to +85°C and has typical
performance curves to 125°C. It is available in 8-lead MSOP
and 8-lead SOIC packages.


Similar Part No. - AD8422ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8422ARMZ AD-AD8422ARMZ Datasheet
685Kb / 25P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
REV. A
AD8422ARMZ AD-AD8422ARMZ Datasheet
676Kb / 25P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. A
AD8422ARMZ AD-AD8422ARMZ Datasheet
653Kb / 27P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. B
AD8422ARMZ-R7 AD-AD8422ARMZ-R7 Datasheet
685Kb / 25P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
REV. A
AD8422ARMZ-R7 AD-AD8422ARMZ-R7 Datasheet
676Kb / 25P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. A
More results

Similar Description - AD8422ARMZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA326 TI-INA326_07 Datasheet
612Kb / 23P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA188 TI1-INA188 Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8422 AD-AD8422_16 Datasheet
685Kb / 25P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
REV. A
AD8422 AD-AD8422_17 Datasheet
676Kb / 25P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. A
AD8422 AD-AD8422_V01 Datasheet
653Kb / 27P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com