Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422ARMZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD8422ARMZ
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARMZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8422ARMZ Datasheet HTML 16Page - Analog Devices AD8422ARMZ Datasheet HTML 17Page - Analog Devices AD8422ARMZ Datasheet HTML 18Page - Analog Devices AD8422ARMZ Datasheet HTML 19Page - Analog Devices AD8422ARMZ Datasheet HTML 20Page - Analog Devices AD8422ARMZ Datasheet HTML 21Page - Analog Devices AD8422ARMZ Datasheet HTML 22Page - Analog Devices AD8422ARMZ Datasheet HTML 23Page - Analog Devices AD8422ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8422
Data Sheet
Rev. 0 | Page 22 of 24
+VS
AD8422
–VS
VIN+
+
–
VIN–
+
–
+VS
AD8422
RPROTECT
RPROTECT
–VS
I
VIN+
+
–
VIN–
+
–
+VS
+VS
AD8422
RPROTECT
RPROTECT
–VS
–VS
I
VIN+
+
–
VIN–
+
–
+VS
–VS
+VS
AD8422
RPROTECT
RPROTECT
–VS
I
VIN+
+
–
VIN–
+
–
I
SIMPLE CONTINUOUS PROTECTION
TRANSIENT PROTECTION
LOW NOISE CONTINUOUS
OPTION 2
LOW NOISE CONTINUOUS
OPTION 1
Figure 63. Input Protection Options for Input Voltages Beyond Absolute
Maximum Ratings
At the expense of some noise performance, another solution is
to use series resistors. In the overvoltage case, current into the
inputs of the AD8422 is internally limited to a safe value for the
amplifier. Although the AD8422 inputs must still be kept within the
Absolute Maximum Ratings, the I × R drop across the
protection resistor increases the maximum voltage that the
system can withstand to the following values:
For positive input signals,
VMAX_NEW = (40 V + Negative Supply) + IIN × RPROTECT
For negative input signals,
VMIN_NEW = (Positive Supply – 40 V) − IOUT × RPROTECT
Overvoltage performance is shown in Figure 16, Figure 17,
Figure 18, and Figure 19. With gains greater than 100 and
supply voltages less than ±2.5 V, overdrive voltages beyond
the rails may cause the output to invert as far as the REF pin
voltage.
RADIO FREQUENCY INTERFERENCE (RFI)
RF rectification is often a problem when amplifiers are used in
applications that have strong RF signals. The disturbance can
appear as a small dc offset voltage. High frequency signals can
be filtered with a low-pass RC network placed at the input of
the instrumentation amplifier, as shown in Figure 64.
R
R
AD8422
+VS
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–VS
RG
CD
10nF
CC
1nF
CC
1nF
2kΩ
2kΩ
Figure 64. RFI Suppression
The filter limits the input signal bandwidth, according to the
following relationship:
)
2
(
π
2
1
C
D
DIFF
C
C
R
uency
FilterFreq
C
CM
RC
uency
FilterFreq
π
2
1
where CD ≥ 10 CC.
CD affects the difference signal, and CC affects the common-mode
signal. Choose values of R and CC that minimize RFI. A mismatch
between R × CC at the positive input and R × CC at the negative
input degrades the CMRR of the AD8422. By using a value of CD
that is one order of magnitude larger than CC, the effect of the
mismatch is reduced, and performance is improved.
Resistors add noise; therefore, the choice of the resistor and capacitor
values depends on the desired tradeoff between noise, input
impedance at high frequencies, and RF immunity. The resistors
used for the RFI filter can be the same as those used for input
protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com