Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5052ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP5052ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP5052ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
ADP5052
Rev. 0 | Page 35 of 40
FACTORY PROGRAMMABLE OPTIONS
Table 15 through Table 26 list the options that can be programmed into the ADP5052 when it is ordered from Analog Devices. For a list
of the default options, see Table 27. To order a device with options other than the default options, contact your local Analog Devices sales
or distribution representative.
Table 15. Output Voltage Options for Channel 1 (Fixed Output Options: 0.85 V to 1.6 V in 25 mV Increments)
Option
Description
Option 0
0.8 V adjustable output (default)
Option 1
0.85 V fixed output
Option 2
0.875 V fixed output
…
…
Option 30
1.575 V fixed output
Option 31
1.6 V fixed output
Table 16. Output Voltage Options for Channel 2 (Fixed Output Options: 3.3 V to 5.0 V in 300 mV/200 mV Increments)
Option
Description
Option 0
0.8 V adjustable output (default)
Option 1
3.3 V fixed output
Option 2
3.6 V fixed output
Option 3
3.9 V fixed output
Option 4
4.2 V fixed output
Option 5
4.5 V fixed output
Option 6
4.8 V fixed output
Option 7
5.0 V fixed output
Table 17. Output Voltage Options for Channel 3 (Fixed Output Options: 1.2 V to 1.8 V in 100 mV Increments)
Option
Description
Option 0
0.8 V adjustable output (default)
Option 1
1.2 V fixed output
Option 2
1.3 V fixed output
Option 3
1.4 V fixed output
Option 4
1.5 V fixed output
Option 5
1.6 V fixed output
Option 6
1.7 V fixed output
Option 7
1.8 V fixed output
Table 18. Output Voltage Options for Channel 4 (Fixed Output Options: 2.5 V to 5.5 V in 100 mV Increments)
Option
Description
Option 0
0.8 V adjustable output (default)
Option 1
2.5 V fixed output
Option 2
2.6 V fixed output
…
…
Option 30
5.4 V fixed output
Option 31
5.5 V fixed output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com