Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5052ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5052ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5052ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Data Sheet
ADP5052
Rev. 0 | Page 19 of 40
Phase Shift
The phase shift between Channel 1 and Channel 2 and between
Channel 3 and Channel 4 is 180°. Therefore, Channel 3 is in phase
with Channel 1, and Channel 4 is in phase with Channel 2 (see
Figure 40). This phase shift maximizes the benefits of out-of-phase
operation by reducing the input ripple current and lowering the
ground noise.
CH2
CH1
fSW
OPTIONAL)
CH4
180° PHASE SHIFT
0° REFERENCE
0° PHASE SHIFT
180° PHASE SHIFT
CH3
fSW
OPTIONAL)
Figure 40. Phase Shift Diagram, Four Buck Regulators
SYNCHRONIZATION INPUT/OUTPUT
The switching frequency of the ADP5052 can be synchronized
to an external clock with a frequency range from 250 kHz to
1.4 MHz. The ADP5052 automatically detects the presence
of an external clock applied to the SYNC/MODE pin, and the
switching frequency transitions smoothly to the frequency of
the external clock. When the external clock signal stops, the
device automatically switches back to the internal clock and
continues to operate.
Note that the internal switching frequency set by the RT pin must
be programmed to a value that is close to the external clock value
for successful synchronization; the suggested frequency differ-
ence is less than ±15% in typical applications.
The SYNC/MODE pin can be configured as a synchronization
clock output by factory fuse. A positive clock pulse with a 50%
duty cycle is generated at the SYNC/MODE pin with a frequency
equal to the internal switching frequency set by the RT pin. There
is a short delay time (approximately 15% of tSW) from the generated
synchronization clock to the Channel 1 switching node.
Figure 41 shows two ADP5052 devices configured for frequency
synchronization mode: one ADP5052 device is configured as
the clock output to synchronize another ADP5052 device. It is
recommended that a 100 kΩ pull-up resistor be used to prevent
logic errors when the SYNC/MODE pin is left floating.
ADP5052
100kΩ
VREG
SYNC/MODE
SYNC/MODE
ADP5052
Figure 41. Two ADP5052 Devices Configured for Synchronization Mode
In the configuration shown in Figure 41, the phase shift between
Channel 1 of the first ADP5052 device and Channel 1 of the second
ADP5052 device is 0˚ (see Figure 42).
CH3 5.00V BW
CH1 2.00V BW
CH2 5.00V BW
M400ns
A CH1
560mV
1
2
3
SW1
AT FIRST
ADP5052
SW1
AT SECOND
ADP5052
SYNC-OUT
AT FIRST
ADP5052
Figure 42. Waveforms of Two ADP5052 Devices Operating
in Synchronization Mode
SOFT START
The buck regulators in the ADP5052 include soft start circuitry
that ramps the output voltage in a controlled manner during
startup, thereby limiting the inrush current. The soft start time
is typically fixed at 2 ms for each buck regulator when the SS12
and SS34 pins are tied to VREG.
To set the soft start time to a value of 2 ms, 4 ms, or 8 ms, connect
a resistor divider from the SS12 or SS34 pin to the VREG pin and
ground (see Figure 43). This configuration may be required to
accommodate a specific start-up sequence or an application with
a large output capacitor.
LEVEL DETECTOR
AND DECODER
VREG
TOP
RESISTOR
BOTTOM
RESISTOR
SS12
OR
SS34
ADP5052
Figure 43. Level Detector Circuit for Soft Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com