Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5052ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5052ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5052ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
ADP5052
Rev. 0 | Page 7 of 40
LDO REGULATOR SPECIFICATIONS
VIN5 = (VOUT5 + 0.5 V) or 1.7 V (whichever is greater) to 5.5 V; CIN = COUT = 1 µF; TJ = −40°C to +125°C for minimum and maximum
specifications, and TA = 25°C for typical specifications, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT SUPPLY VOLTAGE RANGE
1.7
5.5
V
PVIN5 pin
OPERATIONAL SUPPLY CURRENT
Bias Current for LDO Regulator
30
130
µA
IOUT5 = 200 µA
60
170
µA
IOUT5 = 10 mA
145
320
µA
IOUT5 = 200 mA
VOLTAGE FEEDBACK (FB5 PIN)
Adjustable Feedback Voltage
0.500
V
Feedback Voltage Accuracy
−1.0
+1.0
%
TJ = 25°C
−1.6
+1.6
%
0°C ≤ TJ ≤ 85°C
−2.0
+2.0
%
−40°C ≤ TJ ≤ +125°C
DROPOUT VOLTAGE
IOUT5 = 200 mA
80
mV
VOUT5 = 3.3 V
100
mV
VOUT5 = 2.5 V
180
mV
VOUT5 = 1.5 V
CURRENT-LIMIT THRESHOLD
250
510
mA
Specified from the output voltage drop
to 90% of the specified typical value
OUTPUT NOISE
92
µV rms
10 Hz to 100 kHz, VPVIN5 = 5 V, VOUT5 = 1.8 V
POWER SUPPLY REJECTION RATIO
VPVIN5 = 5 V, VOUT5 = 1.8 V, IOUT5 = 1 mA
77
dB
10 kHz
66
dB
100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com