Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5052ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP5052ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP5052ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ADP5052
Data Sheet
Rev. 0 | Page 36 of 40
Table 19. PWRGD Output Options
Option
Description
Option 0
No monitoring of any channel
Option 1
Monitor Channel 1 output (default)
Option 2
Monitor Channel 2 output
Option 3
Monitor Channel 1 and Channel 2 outputs
Option 4
Monitor Channel 3 output
Option 5
Monitor Channel 1 and Channel 3 outputs
Option 6
Monitor Channel 2 and Channel 3 outputs
Option 7
Monitor Channel 1, Channel 2, and Channel 3 outputs
Option 8
Monitor Channel 4 output
Option 9
Monitor Channel 1 and Channel 4 outputs
Option 10
Monitor Channel 2 and Channel 4 outputs
Option 11
Monitor Channel 1, Channel 2, and Channel 4 outputs
Option 12
Monitor Channel 3 and Channel 4 outputs
Option 13
Monitor Channel 1, Channel 3, and Channel 4 outputs
Option 14
Monitor Channel 2, Channel 3, and Channel 4 outputs
Option 15
Monitor Channel 1, Channel 2, Channel 3, and Channel 4 outputs
Table 20. Output Discharge Functionality Options
Option
Description
Option 0
Output discharge function disabled for all four buck regulators
Option 1
Output discharge function enabled for all four buck regulators (default)
Table 21. Switching Frequency Options for Channel 1
Option
Description
Option 0
1 × switching frequency set by the RT pin (default)
Option 1
½ × switching frequency set by the RT pin
Table 22. Switching Frequency Options for Channel 3
Option
Description
Option 0
1 × switching frequency set by the RT pin (default)
Option 1
½ × switching frequency set by the RT pin
Table 23. Pin 43—SYNC/MODE Pin Options
Option
Description
Option 0
Forced PWM/automatic PWM/PSM mode setting with the ability to synchronize to an external clock
Option 1
Generate a clock signal equal to the master frequency set by the RT pin
Table 24. Hiccup Protection Options for the Four Buck Regulators
Option
Description
Option 0
Hiccup protection enabled for overcurrent events (default)
Option 1
Hiccup protection disabled; frequency foldback protection only for overcurrent events
Table 25. Short-Circuit Latch-Off Options for the Four Buck Regulators
Option
Description
Option 0
Latch-off function disabled for output short-circuit events (default)
Option 1
Latch-off function enabled for output short-circuit events
Table 26. Overvoltage Latch-Off Options for the Four Buck Regulators
Option
Description
Option 0
Latch-off function disabled for output overvoltage events (default)
Option 1
Latch-off function enabled for output overvoltage events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com