Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5052ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP5052ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP5052ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Data Sheet
ADP5052
Rev. 0 | Page 37 of 40
FACTORY DEFAULT OPTIONS
Table 27 lists the factory default options programmed into the ADP5052 when the device is ordered (see the Ordering Guide). To order
the device with options other than the default options, contact your local Analog Devices sales or distribution representative. Table 15
through Table 26 list all available options for the device.
Table 27. Factory Default Options
Option
Default Value
Channel 1 output voltage
0.8 V adjustable output
Channel 2 output voltage
0.8 V adjustable output
Channel 3 output voltage
0.8 V adjustable output
Channel 4 output voltage
0.8 V adjustable output
PWRGD pin (Pin 20) output
Monitor Channel 1 output
Output discharge function
Enabled for all four buck regulators
Switching frequency on Channel 1
1 × switching frequency set by the RT pin
Switching frequency on Channel 3
1 × switching frequency set by the RT pin
SYNC/MODE pin (Pin 43) function
Forced PWM/automatic PWM/PSM mode setting with the ability to synchronize to an external clock
Hiccup protection
Enabled for overcurrent events
Short-circuit latch-off function
Disabled for output short-circuit events
Overvoltage latch-off function
Disabled for output overvoltage events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com