Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5052ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5052ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5052ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5052ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
ADP5052
Data Sheet
Rev. 0 | Page 18 of 40
SEPARATE SUPPLY APPLICATIONS
The ADP5052 supports separate input voltages for the four
buck regulators. This means that the input voltages for the four
buck regulators can be connected to different supply voltages.
The PVIN1 voltage provides the power supply for the internal
regulators and the control circuitry. Therefore, if the user plans
to use separate supply voltages for the buck regulators, the PVIN1
voltage must be above the UVLO threshold before the other
channels begin to operate.
Precision enabling can be used to monitor the PVIN1 voltage
and to delay the startup of the outputs to ensure that PVIN1
is high enough to support the outputs in regulation. For more
information, see the Precision Enabling section.
The ADP5052 supports cascading supply operation for the four
buck regulators. As shown in Figure 37, PVIN2, PVIN3, and
PVIN4 are powered from the Channel 1 output. In this config-
uration, the Channel 1 output voltage must be higher than the
UVLO threshold for PVIN2, PVIN3, and PVIN4.
PVIN1
BUCK 1
BUCK 2
VOUT1
PVIN2
TO
PVIN4
VOUT2 TO VOUT4
VIN
Figure 37. Cascading Supply Application
LOW-SIDE DEVICE SELECTION
The buck regulators in Channel 1 and Channel 2 integrate 4 A
high-side power MOSFETs and low-side MOSFET drivers. The
N-channel MOSFETs selected for use with the ADP5052 must be
able to work with the synchronized buck regulators. In general,
a low RDSON N-channel MOSFET can be used to achieve higher
efficiency; dual MOSFETs in one package (for both Channel 1 and
Channel 2) are recommended to save space on the PCB. For more
information, see the Low-Side Power Device Selection section.
BOOTSTRAP CIRCUITRY
Each buck regulator in the ADP5052 has an integrated bootstrap
regulator. The bootstrap regulator requires a 0.1 µF ceramic capac-
itor (X5R or X7R) between the BSTx and SWx pins to provide
the gate drive voltage for the high-side MOSFET.
ACTIVE OUTPUT DISCHARGE SWITCH
Each buck regulator in the ADP5052 integrates a discharge switch
from the switching node to ground. This switch is turned on when
its associated regulator is disabled, which helps to discharge the
output capacitor quickly. The typical value of the discharge switch
is 250 Ω for Channel 1 to Channel 4. The discharge switch func-
tion can be enabled or disabled for all four buck regulators by
factory fuse.
PRECISION ENABLING
The ADP5052 has an enable control pin for each regulator,
including the LDO regulator. The enable control pin (ENx) features
a precision enable circuit with a 0.8 V reference voltage. When
the voltage at the ENx pin is greater than 0.8 V, the regulator is
enabled. When the voltage at the ENx pin falls below 0.725 V,
the regulator is disabled. An internal 1 MΩ pull-down resistor
prevents errors if the ENx pin is left floating.
The precision enable threshold voltage allows easy sequencing
of channels within the part, as well as sequencing between the
ADP5052 and other input/output supplies. The ENx pin can also
be used as a programmable UVLO input using a resistor divider
(see Figure 38). For more information, see the Programming
the UVLO Input section.
0.8V
DEGLITCH
TIMER
INTERNAL
ENABLE
ENx
R1
R2
1MΩ
INPUT/OUTPUT
VOLTAGE
ADP5052
Figure 38. Precision Enable Diagram for One Channel
OSCILLATOR
The switching frequency (fSW) of the ADP5052 can be set to
a value from 250 kHz to 1.4 MHz by connecting a resistor
from the RT pin to ground. The value of the RT resistor can
be calculated as follows:
RRT (kΩ) = [14,822/fSW (kHz)]1.081
Figure 39 shows the typical relationship between the switching
frequency (fSW) and the RT resistor. The adjustable frequency
allows users to make decisions based on the trade-off between
efficiency and solution size.
1.6M
1.4M
1.2M
1.0M
800k
600k
400k
200k
0
0
20
40
RT RESIST
OR (kΩ)
60
80
Figure 39. Switching Frequency vs. RT Resistor
For Channel 1 and Channel 3, the frequency can be set to half the
master switching frequency set by the RT pin. This setting can be
selected by factory fuse. If the master switching frequency is less
than 250 kHz, this halving of the frequency for Channel 1 or
Channel 3 is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com