Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR78L09 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR78L09
Description  Series3-Terminal 0.15A Positive Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR78L09 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR78L09 Datasheet HTML 1Page - Leshan Radio Company LR78L09 Datasheet HTML 2Page - Leshan Radio Company LR78L09 Datasheet HTML 3Page - Leshan Radio Company LR78L09 Datasheet HTML 4Page - Leshan Radio Company LR78L09 Datasheet HTML 5Page - Leshan Radio Company LR78L09 Datasheet HTML 6Page - Leshan Radio Company LR78L09 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LR78L05 ELECTRICAL CHARACTERISTICS
(VI=10V, Io=40mA,-55
°C <Tj<125 °C, C1=0.33uF, Co=0.1uF, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
Tj=25
°C
4.80
5.0
5.20
V
Output Voltage
Vo
7V<=VI<=20V,IO=1mA-40mA
4.75
5.25
V
7V<=VI<=VMAX,IO=1mA-70mA
4.75
5.25
V
(note 2)
Load Regulation
Vo
Tj=25
°C,IO=1mA-100mA
11
60
mV
Tj=25
°C,IO=1mA-40mA
5.0
30
mV
Line regulation
Vo
7V<=VI<=20V,Tj=25
°C
32
150
mV
8V<=VI<=20V,Tj=25
°C
26
100
mV
Quiescent Current
Iq
VIN=10V,IO=0mA,Tj=25
°C
3.86.1
mA
Quiescent Current Change
∆Iq
8V<=VI<=20V
1.5
mA
∆Iq
1mA<=VI<=40mA
0.1
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
4
2
uV
Ripple Rejection
RR
8V<=VI<=20V,f=120Hz,Tj=25
°C
41
49
dB
Dropout Voltage
Vd
Tj=25
°C
1.7
V
LR78L06 ELECTRICAL CHARACTERISTICS
( VI=12V, Io=40mA,-55
°C <Tj<125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified )( Note 1 )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
Tj=25
°C
5.76
6.0
6.24
V
Output Voltage
VO
8.5V<=VI<=20V,IO=1mA-40mA
5.70
6.30
V
8.5V<=VI<=VMAX,
IO=1mA-70mA
5.70
6.30
V
(note 2)
Load Regulation
Vo
Tj=25
°C,IO=1mA-100mA
12.8
80
mV
Tj=25
°C,IO=1mA-70mA
5.8
40
mV
Line regulation
Vo
8.5V<=VI<=20V,Tj=25
°C
64
175
mV
9V<=VI<=20V,Tj=25
°C
54
125
mV
Quiescent Current
Iq
VIN=12V,IO=0mA,Tj=25
°C
3.9
6.0
mA
Quiescent Current
Change
∆Iq
9V<=VI<=20V
1.5
mA
∆Iq
1mA<=VI<=40mA
0.1
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
49
uV
Ripple Rejection
RR
10V<=VI<=20V,f=120Hz,
Tj=25
°C
40
46
dB
Dropout Voltage
Vd
Tj=25
°C
1.7
V
LR78L00 Series3-Terminal 0.15A Positive Voltage Regulators
LRC
LESHAN RADIO COMPANY,LTD.
2/7
Ver 1.2 Sep 2011



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com