Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR78L09 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR78L09
Description  Series3-Terminal 0.15A Positive Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR78L09 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR78L09 Datasheet HTML 1Page - Leshan Radio Company LR78L09 Datasheet HTML 2Page - Leshan Radio Company LR78L09 Datasheet HTML 3Page - Leshan Radio Company LR78L09 Datasheet HTML 4Page - Leshan Radio Company LR78L09 Datasheet HTML 5Page - Leshan Radio Company LR78L09 Datasheet HTML 6Page - Leshan Radio Company LR78L09 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DESCRIPTION
The LRC LR78LXX family is monolithic fixed
voltage regulator integrated circuit. They are suitable
for applications that required supply current up to
150mA.
FEATURES
*Output current up to 150mA
*Fixed output voltage of 5V, 6V, 8V, 9V, 12V,
15V, 18V and 24V available
*Thermal overload shutdown protection
*Short circuit current limiting
TO-92
TO-92
1:Output
2:GND
3:Input
APPLICATION CIRCUIT
LR78LXX
1
2
3
C0
0.1
µF
C1
0.33
µF
Vi
Vo
Note 1: To specify an output voltage, substitute voltage value for "XX".
Note 2: Bypass capacitors are recommended for optimum stability and transient response and should be located as
close as possible to the regulators.
ABSOLUTE MAXIMUM RATINGS
(Operating temperature range applies unless otherwise specified)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Input voltage (for Vo=5~15V)
(for Vo=18~24V)
VI
VI
35
40
V
V
Output Current
Io
150
mA
Power Dissipation
TO-92
SOT-89
PD
625
500
mW
Operating Ambient Temperature
TOPR
-55
+125
°
C
Storage Temperature Range
TSTG
-55
+150
°C
LRC
LESHAN RADIO COMPANY,LTD.
Series3-Terminal 0.15A Positive Voltage Regulators
1
2
3
SOT-89 1:Output 2:GND 3:Input
1
2
3
SOT-89
LR78LXX
°
Operating Junction Temperature
+150
C
TJ
We declare that material of product compliance
with ROHS requirements.
*
ORDERING INFORMATION
*LR78Lxx: TO-92
*LR78LxxU: SOT89
ESD: HBM 2000V
Ver 1.2 Sep 2011
1/7


Similar Part No. - LR78L09

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR78L00 LRC-LR78L00 Datasheet
76Kb / 6P
LR78L00 Series3-Terminal 0.1A Positive Voltage Regulators
LR78L05A LRC-LR78L05A Datasheet
806Kb / 6P
Series3-Terminal 0.1A Positive Voltage Regulators
LR78L05B LRC-LR78L05B Datasheet
806Kb / 6P
Series3-Terminal 0.1A Positive Voltage Regulators
More results

Similar Description - LR78L09

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR78L00 LRC-LR78L00 Datasheet
76Kb / 6P
LR78L00 Series3-Terminal 0.1A Positive Voltage Regulators
LR7800 LRC-LR7800 Datasheet
178Kb / 7P
LR7800 Series3-Terminal 1A Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Leshan Radio Company
LR78L05A LRC-LR78L05A Datasheet
806Kb / 6P
Series3-Terminal 0.1A Positive Voltage Regulators
logo
Guangdong Youtai Semico...
78L05-150 UMW-78L05-150 Datasheet
3Mb / 12P
3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
78L06-150 UMW-78L06-150 Datasheet
3Mb / 12P
3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
78L08-150 UMW-78L08-150 Datasheet
3Mb / 12P
3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
78L09-150 UMW-78L09-150 Datasheet
3Mb / 12P
3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
78L12 UMW-78L12 Datasheet
3Mb / 12P
3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com