Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR78L09 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR78L09
Description  Series3-Terminal 0.15A Positive Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR78L09 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR78L09 Datasheet HTML 1Page - Leshan Radio Company LR78L09 Datasheet HTML 2Page - Leshan Radio Company LR78L09 Datasheet HTML 3Page - Leshan Radio Company LR78L09 Datasheet HTML 4Page - Leshan Radio Company LR78L09 Datasheet HTML 5Page - Leshan Radio Company LR78L09 Datasheet HTML 6Page - Leshan Radio Company LR78L09 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LR78L18 ELECTRICAL CHARACTERISTICS
(VI=27V,Io=40mA,-55
°C<Tj<125°C,C1=0.33uF,Co=0.1uF,unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25
°C
17.
30 18.0 18.70
V
Output Voltage
VO
21V<=VI<=33V,IO=1mA-40mA
17.10
18.90
V
21V<=VI<=VMAX,
IO=1mA-70mA
17.10
18.90
V
(note 2)
Load Regulation
Vo
Tj=25
°C,IO=1mA-100mA
30
1
80mV
Tj=25
°C,IO=1mA-40mA
1
990
mV
Line regulation
Vo
21V<=VI<=33V,Tj=25
°C
70
3
60mV
22V<=VI<=33V,Tj=25
°C
60
300mV
Quiescent Current
Iq
VIN=27V,IO=0mA,Tj=25
°C
4.7
6.
5
mA
Quiescent Current Change
∆Iq
21V<=VI<=33V
1.5
mA
∆Iq
1mA<=VI<=40mA
0.1
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
150
uV
Ripple Rejection
RR
23V<=VI<=33V,f=120Hz,Tj=25
°C
3
236
dB
Dropout Voltage
Vd
Tj=25
°C
1.7
V
LR78L24 ELECTRICAL CHARACTERISTICS
(VI=33V,Io=40mA,-55
°C <Tj<125°C,C1=0.33uF,Co=0.1uF,unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25
°C
23.04
24.0
24.96
V
Output Voltage
VO
27V<=VI<=38V,IO=1mA-40mA
22.8
25.2
V
27V<=VI<=VMAX,
IO=1mA-70mA
22.8
25.2
V
(note 2)
Load Regulation
Vo
Tj=25
°C,IO=1mA-100mA
40
200
mV
Tj=25
°C,IO=1mA-40mA
20
100
mV
Line regulation
Vo
27V<=VI<=38V,Tj=25
°C
160
3
60mV
28V<=VI<=38V,Tj=25
°C
150
300mV
Quiescent Current
Iq
VIN=33V,IO=0mA,Tj=25
°C
4.7
6.
5
mA
Quiescent Current Change
∆Iq
27V<=VI<=38V
1.5
mA
∆Iq
1mA<=VI<=40mA
0.1
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
200
uV
Ripple Rejection
RR
27V<=VI<=38V,f=120Hz,Tj=25
°C
34
45
dB
Dropout Voltage
Vd
Tj=25
°C
1.7
V
Note 1: The Maximum steady state usable output current is dependent on input voltage, heat sinking, lead length of
the package and copper pattern of PCB. The data above represent pulse test conditions with junction
temperatures specified at the initiation of test.
Note 2: Power dissipation<0.5W
LR78L00 Series3-Terminal 0.15A Positive Voltage Regulators
LRC
LESHAN RADIO COMPANY,LTD.
5/7
Ver 1.2 Sep 2011



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com