Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR78L09 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR78L09
Description  Series3-Terminal 0.15A Positive Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR78L09 Datasheet(HTML) 6 Page - Leshan Radio Company

  LR78L09 Datasheet HTML 1Page - Leshan Radio Company LR78L09 Datasheet HTML 2Page - Leshan Radio Company LR78L09 Datasheet HTML 3Page - Leshan Radio Company LR78L09 Datasheet HTML 4Page - Leshan Radio Company LR78L09 Datasheet HTML 5Page - Leshan Radio Company LR78L09 Datasheet HTML 6Page - Leshan Radio Company LR78L09 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
D
b
D1
e
e1
TO-92 PACKAGE OUTLINE DIMENSIONS
Symbol
A
A1
b
c
D
D1
E
e
e1
Ö
Min
3.300
1.100
0.380
0.360
4.400
3.430
4.300
2.440
14.100
0.000
Max
3.700
1.400
0.550
0.510
4.700
4.700
2.640
14.500
1.600
0.380
Min
0.130
0.043
0.015
0.014
0.173
0.135
0.169
0.096
0.555
0.000
Max
0.146
0.055
0.022
0.020
0.185
0.185
0.104
0.571
0.063
0.015
Dimensions In Millimeters
Dimensions In Inches
0.050TYP
1.270TYP
LRC
LESHAN RADIO COMPANY,LTD.
1000 Units/ Bag
SHIPPING INFORMATION
10 Bag/ Box(240mm*170mm*96mm)
2000 Units/ Box
1. Bag:
2. Tape:
4 Box/ Chest(365mm*270mm*210mm)
10 Box/ Chest
6/7
MARKING
L78LXX
YYWW
Ver 1.2 Sep 2011



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com