Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR78L09 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR78L09
Description  Series3-Terminal 0.15A Positive Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR78L09 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR78L09 Datasheet HTML 1Page - Leshan Radio Company LR78L09 Datasheet HTML 2Page - Leshan Radio Company LR78L09 Datasheet HTML 3Page - Leshan Radio Company LR78L09 Datasheet HTML 4Page - Leshan Radio Company LR78L09 Datasheet HTML 5Page - Leshan Radio Company LR78L09 Datasheet HTML 6Page - Leshan Radio Company LR78L09 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LR78L08 ELECTRICAL CHARACTERISTICS
(VI=14V,Io=40mA,-55
°C<Tj<125°C,C1=0.33uF,Co=0.1uF,unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25
°C
7.68
8.0
8.32
V
Output Voltage
VO
10.5V<=VI<=23V,IO=1mA-40mA
7.60
8.40
V
10.5V<=VI<=VMAX,
IO=1mA-70mA
7.60
8.40
V
(note 2)
Load Regulation
Vo
Tj=25
°C,IO=1mA-100mA
1
8
80
mV
Tj=25
°C,IO=1mA-70mA
10
40
mV
Line regulation
Vo
10.5V<=VI<=23V,Tj=25
°C
42
175
mV
11V<=VI<=23V,Tj=25
°
36
125
mV
Quiescent Current
Iq
VIN=14V,IO=0mA,Tj=25
°C
4.0
6.0
mA
Quiescent Current Change
∆Iq
11V<=VI<=23V
1.5
mA
∆Iq
1mA<=VI<=40mA
0.1
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
54
uV
Ripple Rejection
RR
11V<=VI<=23V,f=120Hz,Tj=25
°C
39
46
dB
Dropout Voltage
Vd
Tj=25
°C
1.7
V
LR78L09 ELECTRICAL CHARACTERISTICS
(VI=15V,Io=40mA,-55
°C <Tj<125°C,C1=0.33uF,Co=0.1uF,unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25
°C
8.64
9.0
9.36
V
Output Voltage
VO
11.5V<=VI<=24V,IO=1mA-40mA
8.55
9.45
V
11.5V<=VI<=VMAX,
IO=1mA-70mA
8.55
9.45
V
(note 2)
Load Regulation
Vo
Tj=25
°C,IO=1mA-100mA
20
90
mV
Tj=25
°C,IO=1mA-40mA
1
1
45
mV
Line regulation
Vo
11.5V<=VI<=24V,Tj=25
°C
90
200
mV
13V<=VI<=24V,Tj=25
°C
100
150
mV
Quiescent Current
Iq
VIN=15V,IO=0mA,Tj=25
°C
4.1
6.0
mA
Quiescent Current Change
∆Iq
13V<=VI<=24V
1.5
mA
∆Iq
1mA<=VI<=40mA
0.1
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
58
UV
Ripple Rejection
RR
12V<=VI<=23V,f=120Hz,Tj=25
°C
38
44
dB
Dropout Voltage
Vd
Tj=25
°C
1.7
V
LR78L00 Series3-Terminal 0.15A Positive Voltage Regulators
LRC
LESHAN RADIO COMPANY,LTD.
3/7
Ver 1.2 Sep 2011



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com