Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR78L09 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR78L09
Description  Series3-Terminal 0.15A Positive Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR78L09 Datasheet(HTML) 7 Page - Leshan Radio Company

  LR78L09 Datasheet HTML 1Page - Leshan Radio Company LR78L09 Datasheet HTML 2Page - Leshan Radio Company LR78L09 Datasheet HTML 3Page - Leshan Radio Company LR78L09 Datasheet HTML 4Page - Leshan Radio Company LR78L09 Datasheet HTML 5Page - Leshan Radio Company LR78L09 Datasheet HTML 6Page - Leshan Radio Company LR78L09 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Min
Max
Min
Max
A
4.000
4.600
0.173
0.181
B
1.550 REF
0.061 REF
C
3.940
4.250
0.155
0.167
D
2.300
2.600
0.091
0.102
E
0.400
0.580
0.016
0.023
F
0.900
1.200
0.035
0.047
G
H
0.320
0.520
0.013
0.020
I
J
1.400
1.600
0.055
0.063
K
0.350
0.440
0.014
0.017
SYMBOL
1.5 TYP
0.06 TYP
0.118 TYP
3 TYP
Dimensions In Mmillimeters
Dimensions In Inches
SOT-89-3L PACKAGE OUTLINE DIMENSIONS
A
B
C
D
E
F
G
H
I
J
K
LRC
LESHAN RADIO COMPANY,LTD.
SHIPPING INFORMATION
2 Reel/ Box(340mm*340mm*50mm)
Tape: 2500 Units/ Reel(13 inch)
6 Box/ Chest(360mm*360mm*315mm)
7/7
MARKING
3
2
1
L78LXX
YYWW
Ver 1.2 Sep 2011



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com