Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLCTR Datasheet(PDF) 60 Page - STMicroelectronics

Part # LSM330DLCTR
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLCTR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button LSM330DLCTR Datasheet HTML 56Page - STMicroelectronics LSM330DLCTR Datasheet HTML 57Page - STMicroelectronics LSM330DLCTR Datasheet HTML 58Page - STMicroelectronics LSM330DLCTR Datasheet HTML 59Page - STMicroelectronics LSM330DLCTR Datasheet HTML 60Page - STMicroelectronics LSM330DLCTR Datasheet HTML 61Page - STMicroelectronics LSM330DLCTR Datasheet HTML 62Page - STMicroelectronics LSM330DLCTR Datasheet HTML 63Page - STMicroelectronics LSM330DLCTR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
Register descriptions
LSM330DLC
60/66
Doc ID 022162 Rev 2
Interrupt source register. Read only register.
Reading at this address clears the INT1_SRC_G IA bit (and eventually the interrupt signal
on the INT1_G pin) and allows the refreshing of data in the INT1_SRC_G register if the
latched option was chosen.
8.42
INT1_THS_XH_G (32h)
8.43
INT1_THS_XL_G (33h)
8.44
INT1_THS_YH _G (34h)
ZL
Z low. Default value: 0 (0: no interrupt; 1: Z Low event has occurred)
YH
Y high. Default value: 0 (0: no interrupt, 1: Y High event has occurred)
YL
Y low. Default value: 0 (0: no interrupt, 1: Y Low event has occurred)
XH
X high. Default value: 0 (0: no interrupt, 1: X High event has occurred)
XL
X low. Default value: 0 (0: no interrupt, 1: X Low event has occurred)
Table 96.
INT1_SRC_G description
Table 97.
INT1_THS_XH_G register
-
THSX14
THSX13
THSX12
THSX11
THSX10
THSX9
THSX8
Table 98.
INT1_THS_XH_G description
THSX14 - THSX9
Interrupt threshold. Default value: 0000 0000
Table 99.
INT1_THS_XL_G register
THSX7
THSX6
THSX5
THSX4
THSX3
THSX2
THSX1
THSX0
Table 100.
INT1_THS_XL_G description
THSX7 - THSX0
Interrupt threshold. Default value: 0000 0000
Table 101.
INT1_THS_YH_G register
-
THSY14
THSY13
THSY12
THSY11
THSY10
THSY9
THSY8
Table 102.
INT1_THS_YH_G description
THSY14 - THSY9
Interrupt threshold. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com