Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLCTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # LSM330DLCTR
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLCTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LSM330DLCTR Datasheet HTML 24Page - STMicroelectronics LSM330DLCTR Datasheet HTML 25Page - STMicroelectronics LSM330DLCTR Datasheet HTML 26Page - STMicroelectronics LSM330DLCTR Datasheet HTML 27Page - STMicroelectronics LSM330DLCTR Datasheet HTML 28Page - STMicroelectronics LSM330DLCTR Datasheet HTML 29Page - STMicroelectronics LSM330DLCTR Datasheet HTML 30Page - STMicroelectronics LSM330DLCTR Datasheet HTML 31Page - STMicroelectronics LSM330DLCTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
Functionality
LSM330DLC
28/66
Doc ID 022162 Rev 2
Figure 11.
Level-sensitive trigger stamping (LVLen = 1; EXTRen = 0)
4.5.1
Level-sensitive trigger stamping
Once enabled, DEN level replaces the LSb of the X, Y or Z axes, configurable through the
Xen, Yen, Zen bits in the CTRL_REG1_G register. Data is stored in the FIFO with the
internally-selected ODR.
4.5.2
Edge-sensitive trigger
Once enabled by setting EXTRen = 1, FIFO is filled with the pitch, roll and yaw data on the
rising edge of the DEN input signal. When selected ODR is 800 Hz, the maximum DEN
sample frequency is fDEN = 1/TDEN = 400 Hz.
xi(15-1)
xi,yi,zi
D
E
N
yi(15-0)
Zi(15-0)
xi-N+1
D
E
N
(15-1)
yi-N+1
(15-0)
zi-N+1
(15-0)
xi(15-0)
xi,yi,zi
D
E
N
yi(15-1)
Zi(15-0)
xi(15-0)
xi,yi,zi
D
E
N
yi(15-0)
Zi(15-1)
xi-N+1
D
E
N
(15-0)
yi-N+1
(15-0)
zi-N+1
(15-1)
xi-N+1
D
E
N
yi-N+1
Zi-N+1
(15-0)
(15-1)
(15-0)
Level-sensitive
Trigger enabled
on X-Axis
Level-sensitive
Trigger enabled
on Y-axis
Level-sensitive
Trigger enabled
on Z-axis
Xen=1,Yen=Zen=0
Yen=1, Xen=Zen=0
Zen=1, Xen=Yen=0
AM10162V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com