Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLCTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # LSM330DLCTR
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLCTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LSM330DLCTR Datasheet HTML 11Page - STMicroelectronics LSM330DLCTR Datasheet HTML 12Page - STMicroelectronics LSM330DLCTR Datasheet HTML 13Page - STMicroelectronics LSM330DLCTR Datasheet HTML 14Page - STMicroelectronics LSM330DLCTR Datasheet HTML 15Page - STMicroelectronics LSM330DLCTR Datasheet HTML 16Page - STMicroelectronics LSM330DLCTR Datasheet HTML 17Page - STMicroelectronics LSM330DLCTR Datasheet HTML 18Page - STMicroelectronics LSM330DLCTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
LSM330DLC
Module specifications
Doc ID 022162 Rev 2
15/66
2.3
Temperature sensor characteristics
@ Vdd = 3V, T = 25 °C unless otherwise noted (b)
b.
The product is factory calibrated at 3.0 V.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output
change vs. temperature
-
-1
°C/digit
TODR
Temperature refresh rate
1
Hz
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com