Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLCTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM330DLCTR
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLCTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM330DLCTR Datasheet HTML 43Page - STMicroelectronics LSM330DLCTR Datasheet HTML 44Page - STMicroelectronics LSM330DLCTR Datasheet HTML 45Page - STMicroelectronics LSM330DLCTR Datasheet HTML 46Page - STMicroelectronics LSM330DLCTR Datasheet HTML 47Page - STMicroelectronics LSM330DLCTR Datasheet HTML 48Page - STMicroelectronics LSM330DLCTR Datasheet HTML 49Page - STMicroelectronics LSM330DLCTR Datasheet HTML 50Page - STMicroelectronics LSM330DLCTR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
LSM330DLC
Register descriptions
Doc ID 022162 Rev 2
47/66
8.13
FIFO_SRC_REG_A (2Fh)
8.14
INT1_CFG_A (30h)
Table 39.
FIFO mode configuration
FM1
FM0
FIFO mode
0
0
Bypass mode
01FIFO mode
1
0
Stream mode
1
1
Trigger mode
Table 40.
FIFO_SRC_REG_A register
WTM
OVRN_FIFO
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Table 41.
FIFO_SRC_REG_A description
WTM
WTM bit is set high when FIFO content exceeds watermark level
OVRN_FIFO
OVRN bit is set high when FIFO buffer is full, this means that the FIFO buffer
contains 32 unread samples. At the following ODR a new sample set replaces the
oldest FIFO value. The OVRN bit is reset when the first sample set has been read
EMPTY
EMPTY flag is set high when all FIFO samples have been read and FIFO is empty
FSS4-0
FSS[4:0] field always contains the current number of unread samples stored in the
FIFO buffer. When FIFO is enabled, this value increases at ODR frequency until
the buffer is full, whereas, it decreases every time that one sample set is retrieved
from FIFO
Table 42.
INT1_CFG_A register
AOI
6D
ZHIE/
ZUPE
ZLIE/
ZDOWNE
YHIE/
YUPE
YLIE/
YDOWNE
XHIE/
XUPE
XLIE/
XDOWNE
Table 43.
INT1_CFG_A description
AOI
And/Or combination of interrupt events. Default value: 0. Refer to Table 44: Inter-
rupt mode, “Interrupt mode”
6D
6 direction detection function enabled. Default value: 0. Refer to Table 44: Interrupt
mode
ZHIE/
ZUPE
Enable interrupt generation on Z high event or on direction recognition. Default
value: 0 (0: disable interrupt request;1: enable interrupt request)
ZLIE/
ZDOWNE
Enable interrupt generation on Z low event or on direction recognition. Default
value: 0 (0: disable interrupt request;1: enable interrupt request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com