Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLCTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # LSM330DLCTR
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLCTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LSM330DLCTR Datasheet HTML 26Page - STMicroelectronics LSM330DLCTR Datasheet HTML 27Page - STMicroelectronics LSM330DLCTR Datasheet HTML 28Page - STMicroelectronics LSM330DLCTR Datasheet HTML 29Page - STMicroelectronics LSM330DLCTR Datasheet HTML 30Page - STMicroelectronics LSM330DLCTR Datasheet HTML 31Page - STMicroelectronics LSM330DLCTR Datasheet HTML 32Page - STMicroelectronics LSM330DLCTR Datasheet HTML 33Page - STMicroelectronics LSM330DLCTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
Application hints
LSM330DLC
30/66
Doc ID 022162 Rev 2
5
Application hints
Figure 13.
LSM330DLC electrical connection
5.1
External capacitors
The device core is supplied through the Vdd line. Power supply decoupling capacitors (C2,
C3=100 nF ceramic, C4=10 µF Al) should be placed as near as possible to the supply pin of
the device (common design practice).
All voltage and ground supplies must be present at the same time to achieve proper
behavior of the IC (refer to Figure 13).
The functionality of the device and the measured acceleration/angular rate data is
selectable and accessible through the SPI/I2C interface.
The functions, the threshold and the timing of the two interrupt pins for each sensor can be
completely programmed by the user through the SPI/I2C interface.
Digital signal from/to signal controller.Signals levels are defined by proper selection of Vdd
DIRECTION OF
DETECTABLE
ACCELERATIONS
DIRECTION OF
DETECTABLE
ANGULAR RATE
DEN_G
FILTVDD
GND
FILTIN Y
FILTOUT Y/ OUT Y
RES
(BOTTOM VIEW)
1
6
7
14
8
2
1
2
RES
INT1_G
INT1_A
INT2_A
RES
CAP
GND
DRDY_G
RES
20
15
Vdd
C1
10nF(25V)
GND
100 nF
GND
GND
10 µF
GND
Vdd_IO
GND
100 nF
C3
C4
C2
X
1
Y
Z
Z
1
Y
z
X
X
X
* C1 must guarantee 1 nF value under 11 V bias condition
AM10163V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com