Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001ASEHFE Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL70001ASEHFE
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001ASEHFE Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL70001ASEHFE Datasheet HTML 3Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 4Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 5Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 6Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 7Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 8Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 9Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 10Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ISL70001ASEH
7
FN8365.0
May 22, 2013
V
Absolute Maximum Ratings
Thermal Information
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to AGND + 6.5V
DVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGND - 0.3V to DGND +6.5V
LXx, PVINx . . . . . . . . . . . . . . . . . . . . . . . . . . . PGNDx - 0.3V to PGNDx + 6.5V
AVDD - AGND, DVDD - DGND . . . . . . . . . . . . . . . . . . . . PVINx - PGNDx ± 0.3V
Signal pins (Note 9) . . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to AVDD + 0.3V
Digital control pins (Note 10) . . . . . . . . . . . . . DGND - 0.3V to DVDD + 0.3V
PGOOD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 6.5V
SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 2.5V
Absolute Maximum Ratings (NOTE 8)
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to AGND + 5.7V
DVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 5.7V
LXx, PVINx . . . . . . . . . . . . . . . . . . . . . . . . . . . PGNDx - 0.3V to PGNDx + 5.7V
AVDD - AGND, DVDD - DGND . . . . . . . . . . . . . . . . . . . . PVINx - PGNDx ± 0.3V
Signal pins (Note 9) . . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to AVDD + 0.3V
Digital control pins (Note 10) . . . . . . . . . . . . . DGND - 0.3V to DVDD + 0.3V
PGOOD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 5.7V
SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 2.5V
ESD Rating
Human Body Model (Tested per MIL-PRF-883 3015.7). . . . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
48 Ld CQFP R48.A (Notes 4, 6) . . . . . . . . .
36.5
3
48 Ld CQFP R48.B (Notes 5, 7) . . . . . . . . .
19
1.3
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+145°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND + 3V to 5.5V
DVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGND + 3V to 5.5V
PVINx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PGNDx + 3V to 5.5V
AVDD - AGND, DVDD - DGND . . . . . . . . . . . . . . . . . . . . PVINx - PGNDx ± 0.1V
Signal pins (Note 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND to AVDD
Digital control pins (Note 10) . . . . . . . . . . . . . . . . . . . . . . . . .DGND to DVDD
REF, SS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Set
GND, TDI, TDO, TPGM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGND
ILXx (TJ ≤ +145°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0A to 1.0A
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379
6. For
θJC, the “case temp” location is the center of the package underside.
7. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
8. For operation in a heavy ion environment at LET = 86.4 MeV•cm2/mg with +125°C (TC).
9. EN, FB, PORSEL and REF pins.
10. M/S, SYNC, TDI, TDO and ZAP pins
Electrical Specifications Unless otherwise noted, VIN = AVDD = DVDD = PVINx = EN = M/S = 3V or 5.5V;
GND = AGND = DGND = PGNDx = TDI = TDO = ZAP = 0V; FB = 0.65V; PORSEL = VIN for 4.5V ≤ VIN ≤ 5.5V and GND for VIN < 4.5V,
SYNC = LXx = Open Circuit; PGOOD is pulled up to VIN with a 1k resistor; REF is bypassed to GND with a 220nF capacitor; SS is bypassed to GND with a
100nF capacitor; IOUT = 0A; TA = TJ = +25°C. (Note 11). Boldface limits apply over the operating temperature range, -55°C to +125°C; over a total iodizing
dose of 100krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s; and over a total iodizing dose of 50krad(Si) with exposure at a low dose rate
of <10mrad(Si)/s.
PARAMETER
TEST CONDITIONS
MIN
(Note 12)
TYP
(Note 11)
MAX
(Note 12)
UNITS
POWER SUPPLY
Operating Supply Current
VIN = 5.5V
40
65
mA
VIN = 3.6V
25
45
mA
Shutdown Supply Current
VIN = 5.5V, EN = GND
2
6
mA
VIN = 3.6V, EN = GND
1.5
4.5
mA
OUTPUT VOLTAGE
Reference Voltage Tolerance
0.594
0.6
0.606
V
Output Voltage Tolerance
VOUT = 0.8V to 2.5V for VIN = 4.5V to 5.5V,
VOUT = 0.8V to 2.5V for VIN = 3V to 3.6V,
IOUT = 0A to 6A (Notes 13, 14)
-2
0
2
%
Feedback (FB) Input Leakage Current
VIN = 5.5V, VFB = 0.6V
-1
0
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com