Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001ASEHFE Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL70001ASEHFE
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001ASEHFE Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL70001ASEHFE Datasheet HTML 5Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 6Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 7Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 8Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 9Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 10Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 11Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 12Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ISL70001ASEH
9
FN8365.0
May 22, 2013
SOFT-START
Soft-Start Source Current
SS = GND
20
23
27
µA
Soft-Start Discharge ON-Resistance
2.2
4.7
Ω
Soft-Start Discharge Time
256
Clock Cycles
POWER-GOOD SIGNAL
Rising Threshold
VFB as a % of VREF, Test Mode
107
111
115
%
Rising Hysteresis
VFB as a % of VREF, Test Mode
2
3.5
5
%
Falling Threshold
VFB as a % of VREF, Test Mode
85
89
93
%
Falling Hysteresis
VFB as a % of VREF, Test Mode
2
3.5
5
%
Power-Good Drive
VIN = 3V, PGOOD = 0.4V, EN = GND
7.3
8.2
mA
Power-Good Leakage
VIN = PGOOD = 5.5V
0.001
1
µA
PROTECTION FEATURES
Undervoltage Monitor
Undervoltage Trip Threshold
VIN = 3V, VFB as a % of VREF, Test mode
71
75
79
%
Undervoltage Recovery Threshold
VIN = 3V, VFB as a % of VREF, Test mode
84
88
92
%
Overcurrent Monitor
Overcurrent Trip Level
LX4 Power Block, Test Mode, (Note 15)
1.3
1.9
2.5
A
Overcurrent Trip Counts
LX4 Power Block, Test Mode (Note 14)
2
Overcurrent or Short-Circuit Duty-Cycle
VIN = 3V, SS interval = 200µs, Test Mode, Fault
interval divided by hiccup interval
0.8
5
%
NOTES:
11. Typical values shown are not guaranteed. Guaranteed min/max values are provided in the SMD.
12. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
13. Limits do not include tolerance of external feedback resistors. The 0A to 6A output current range may be reduced by Minimum LXx On Time and
Minimum LXx Off Time specifications.
14. Limits established by design, characterization or analysis and are not production tested.
15. During an output short-circuit, peak current through the power block(s) can continue to build beyond the overcurrent trip level by up to 3A. With all
six power blocks connected, peak current through the power blocks and output inductor could reach (6 x 2.5A) + 3A = 18A..
Electrical Specifications Unless otherwise noted, VIN = AVDD = DVDD = PVINx = EN = M/S = 3V or 5.5V;
GND = AGND = DGND = PGNDx = TDI = TDO = ZAP = 0V; FB = 0.65V; PORSEL = VIN for 4.5V ≤ VIN ≤ 5.5V and GND for VIN < 4.5V,
SYNC = LXx = Open Circuit; PGOOD is pulled up to VIN with a 1k resistor; REF is bypassed to GND with a 220nF capacitor; SS is bypassed to GND with a
100nF capacitor; IOUT = 0A; TA = TJ = +25°C. (Note 11). Boldface limits apply over the operating temperature range, -55°C to +125°C; over a total iodizing
dose of 100krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s; and over a total iodizing dose of 50krad(Si) with exposure at a low dose rate
of <10mrad(Si)/s.
(Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 12)
TYP
(Note 11)
MAX
(Note 12)
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com