Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001ASEHFE Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL70001ASEHFE
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001ASEHFE Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL70001ASEHFE Datasheet HTML 4Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 5Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 6Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 7Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 8Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 9Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 10Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 11Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ISL70001ASEH
8
FN8365.0
May 22, 2013
PWM CONTROL LOGIC
Oscillator Accuracy
0.85
1
1.15
MHz
External Oscillator Range
.8
1
1.2
MHz
Minimum LXx On Time
VIN = 5.5V, Test Mode
110
150
ns
Minimum LXx Off Time
VIN = 5.5V, Test Mode
40
100
ns
Minimum LXx On Time
VIN = 3V, Test Mode
150
210
ns
Minimum LXx Off Time
VIN = 3V, Test Mode
50
100
ns
Master/Slave (M/S) Input Voltage
Input High Threshold
VIN - 0.5
1.3
V
Input Low Threshold
1.2
0.5
V
Master/Slave (M/S) Input Leakage Current
VIN = 5.5V, M/S = GND or VIN
-1
0
1
µA
Synchronization (SYNC) Input Voltage
Input High Threshold, M/S = GND
2.3
1.7
V
Input Low Threshold, M/S = GND
1.5
1
V
Synchronization (SYNC) Input Leakage
Current
VIN = 5.5V, M/S = GND, SYNC = GND or VIN
-1
0
1
µA
Synchronization (SYNC) Output Voltage
VIN - VOH @ IOH = -1mA
0.15
0.4
V
VOL@ IOL = 1mA
0.15
0.4
V
POWER BLOCKS
Upper Device rDS(ON)
VIN = 3V, 0.4A Per Power Block, Test Mode (Note 14)
122
215
346
m
Ω
Lower Device rDS(ON)
VIN = 3V, 0.4A Per Power Block, Test Mode (Note 14)
77
146
236
m
Ω
LXx Output Leakage
VIN = 5.5V, EN = LXx = GND, Single LXx Output
-1
0µA
VIN = 5.5V, EN = GND, LXx = VIN, Single LXx Output
0
15
µA
Deadtime
Within a Single Power Block or between Power Blocks
(Note 14)
1.7
5ns
Efficiency
VIN = 3.3V, VOUT = 1.8V, IOUT = 3A
90
%
VIN = 5V, VOUT = 2.5V, IOUT = 3A
92
%
POWER-ON RESET
POR Select (PORSEL)
Input High Threshold
VIN - 0.5
1.4
V
Input Low Threshold
1.2
0.5
V
POR Select (PORSEL) Input Leakage Current VIN = 5.5V, PORSEL = GND or VIN
-1
0
1
µA
VIN POR
Rising Threshold, PORSEL = VIN
4.1
4.25
4.45
V
Hysteresis, PORSEL = VIN
225
325
425
mV
Rising Threshold, PORSEL = GND
2.65
2.8
2.95
V
Hysteresis, PORSEL = GND
90
175
260
mV
Enable (EN) Input Voltage
Rising/Falling Threshold
0.56
0.6
0.64
V
Enable (EN) Input Leakage Current
VIN = 5.5V, EN = GND or VIN
-3
0
3
µA
Enable (EN) Sink Current
EN = 0.3V
6.4
11
16.6
µA
Electrical Specifications Unless otherwise noted, VIN = AVDD = DVDD = PVINx = EN = M/S = 3V or 5.5V;
GND = AGND = DGND = PGNDx = TDI = TDO = ZAP = 0V; FB = 0.65V; PORSEL = VIN for 4.5V ≤ VIN ≤ 5.5V and GND for VIN < 4.5V,
SYNC = LXx = Open Circuit; PGOOD is pulled up to VIN with a 1k resistor; REF is bypassed to GND with a 220nF capacitor; SS is bypassed to GND with a
100nF capacitor; IOUT = 0A; TA = TJ = +25°C. (Note 11). Boldface limits apply over the operating temperature range, -55°C to +125°C; over a total iodizing
dose of 100krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s; and over a total iodizing dose of 50krad(Si) with exposure at a low dose rate
of <10mrad(Si)/s.
(Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 12)
TYP
(Note 11)
MAX
(Note 12)
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com