Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001ASEHFE Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL70001ASEHFE
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001ASEHFE Datasheet(HTML) 2 Page - Intersil Corporation

  ISL70001ASEHFE Datasheet HTML 1Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 2Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 3Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 4Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 5Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 6Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 7Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 8Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ISL70001ASEH
2
FN8365.0
May 22, 2013
Functional Block Diagram
POWER-ON
RESET (POR)
PWM
REFERENCE
0.6V
SOFT
START
COMPENSATION
EA
GM
SLOPE
COMPENSATION
GATE
DRIVE
CURRENT
SENSE
LXx
PVINx
CONTROL
LOGIC
PWM
FB
UV
PGOOD
POWER-GOOD
PGNDx
AVDD
SS
M/S
SYNC
PORSEL
REF
TDI
TDO
BIT
ZAP
TRIM
DVDD
TRIM
PGNDx
PGNDx
Ordering Information
ORDERING NUMBER
(Note 1)
PART NUMBER
TEMP. RANGE
(°C)
PACKAGE (Note 3)
(RoHS Compliant)
PKG.
DWG. #
5962R0922503VXC
ISL70001ASEHVF (Note 2)
-55 to +125
48 Ld CQFP
R48.A
5962R0922503VYC
ISL70001ASEHVFE (Note 2)
-55 to +125
48 Ld CQFP with Heatsink
R48.B
5962R0922503V9A
ISL70001ASEHVX
-55 to +125
Die
ISL70001ASEHF/PROTO
ISL70001ASEHF/PROTO (Note 2)
-55 to +125
48 Ld CQFP
R48.A
ISL70001ASEHFE/PROTO
ISL70001ASEHFE/PROTO (Note 2)
-55 to +125
48 Ld CQFP with Heatsink
R48.B
ISL70001ASEHX/SAMPLE
ISL70001SEHX/SAMPLE
-55 to +125
Die
ISL70001ASEHEV1Z
ISL70001ASEHEV1Z
Evaluation Board
NOTES:
1. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed in the Ordering Information table on page 2 must be used when ordering.
2. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant
and compatible with both SnPb and Pb-free soldering operations.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL70001ASEH. For more information on MSL,
please see Tech Brief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com