Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001ASEHFE Datasheet(PDF) 17 Page - Intersil Corporation

Part # ISL70001ASEHFE
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001ASEHFE Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ISL70001ASEHFE Datasheet HTML 13Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 14Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 15Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 16Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 17Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 18Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 19Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 20Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
ISL70001ASEH
17
FN8365.0
May 22, 2013
Another consideration in selecting the output capacitors is loop
stability. The total output capacitance sets the dominant pole of
the PWM. Because the ISL70001ASEH uses integrated
compensation techniques, it is necessary to restrict the output
capacitance in order to optimize loop stability. The
recommended load capacitance can be estimated using
Equation 13.
Another stability requirement on the selection of the output
capacitor is that the ‘ESR zero’ (fZESR) be placed at 60kHz to
90kHz. This range is set by an internal, single compensation zero
at 8.6kHz. This ESR zero location contributes to increased phase
margin of the control loop; therefore if a capacitor is chosen with
an inadequate ESR stability may be compromised. Equation 14
maybe be used to calculate the required ESR to place the ‘ESR
zero’ in the recommended range:
In conclusion, the output capacitors must meet three criteria:
1. They must have sufficient bulk capacitance to sustain the
output voltage during a load transient while the output
inductor current is slewing to the value of the load transient.
2. The ESR must be sufficiently low to meet the desired output
voltage ripple due to the output inductor current.
3. The ESR zero should be placed, in a rather large range, to
provide additional phase margin.
OUTPUT INDUCTOR SELECTION
Once the output capacitors are selected, the maximum allowable
ripple voltage, VP-P(MAX), determines the lower limit on the
inductance as shown in Equation 15.
Since the output capacitors are supplying a decreasing portion of
the load current while the regulator recovers from the transient,
the capacitor voltage becomes slightly depleted. The output
inductor must be capable of assuming the entire load current
before the output voltage decreases more than
ΔVMAX. This
places an upper limit on inductance.
Equation 16 gives the upper limit on output inductance for the
case when the trailing edge of the current transient causes a
greater output voltage deviation than the leading edge.
Equation 17 addresses the leading edge. Normally, the trailing
edge dictates the inductance selection because duty cycles are
usually <50%. Nevertheless, both inequalities should be
evaluated, and inductance should be governed based on the
lower of the two results. In each equation, LOUT is the output
inductance, COUT is the total output capacitance, and ΔIL(P-P) is
the peak-to-peak ripple current in the output inductor.
The other concern when selecting an output inductor is to ensure
there is adequate slope compensation when the regulator is
operated above 50% duty cycle. Since the internal slope
compensation is fixed, output inductance should satisfy
Equation 18 to ensure this requirement is met.
Input Capacitor Selection
Input capacitors are responsible for sourcing the AC component
of the input current flowing into the switching power devices.
Their RMS current capacity must be sufficient to handle the AC
component of the current drawn by the switching power devices,
which is related to duty cycle. The maximum RMS current
required by the regulator is closely approximated by Equation 19.
The important parameters to consider when selecting an input
capacitor are the voltage rating and the RMS ripple current
rating. For reliable operation, select capacitors with voltage
ratings at least 1.5x greater than the maximum input voltage.
The capacitor RMS ripple current rating should be higher than
the largest RMS ripple current required by the circuit.
Ceramic capacitors with X7R dielectric are recommended.
Alternately, a combination of low ESR solid tantalum capacitors
and ceramic capacitors with X7R dielectric may be used. The
ISL70001ASEH requires a minimum effective input capacitance
of 100µF for stable operation.
Derating Current Capability
Most space programs issue specific derating guidelines for parts,
but these guidelines take the pedigree of the part into account.
For instance, a device built to MIL-PRF-38535, such as the
ISL70001ASSEH, is already heavily derated from a current
density standpoint. However, a mil-temp or commercial IC that is
up-screened for use in space applications may need additional
current derating to ensure reliable operation because it was not
built to the same standards as the ISL70001ASEH.
Figure 26 shows the maximum average output current of the
ISL70001ASEH with respect to junction temperature. These plots
take into account the worst-case current share mismatch in the
power blocks and the current density requirement of MIL-PRF-
38535 (< 2 x 105 A/cm2). The plot clearly shows that the
ISL70001ASEH can handle 12.1A at +125°C from a worst-case
current density standpoint, but the part is limited to 7.8A
COUT
75
μF NumberofLXxPinsConnected 1.8V
VOUT
-------------
×
×
=
(EQ. 13)
ESR
1
2
π f
ZESR
() C
OUT
()
----------------------------------------------
=
(EQ. 14)
LOUT ESR
VIN VOUT
–
()V
OUT
fs VIN
×
VP-P(MAX)
×
--------------------------------------------------
×
≥
(EQ. 15)
LOUT
2
COUT VOUT
⋅⋅
ΔISTEP
()2
---------------------------------------
ΔV
MAX
ΔIL(P-P) ESR
⋅
()
–
≤
(EQ. 16)
LOUT
2COUT
⋅
ΔISTEP
()2
--------------------------
ΔV
MAX
ΔI
L(P-P) ESR
⋅
()
–
V
IN
V
O
UT
–
⎝⎠
⎛⎞
≤
(EQ. 17)
LOUT
4.32
μH
NumberofLXxPinsConnected
-----------------------------------------------------------------------------------
≥
(EQ. 18)
IRMS
MAX
VOUT
VIN
-----------------
IOUT
MAX
2
1
12
------
VIN VOUT
–
LOUT fs
×
----------------------------------
VOUT
VIN
-----------------
×
⎝⎠
⎜⎟
⎛⎞ 2
×
+
⎝⎠
⎜⎟
⎛⎞
×
=
(EQ. 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com