Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001ASEHFE Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL70001ASEHFE
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001ASEHFE Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL70001ASEHFE Datasheet HTML 6Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 7Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 8Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 9Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 10Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 11Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 12Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 13Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ISL70001ASEH
10
FN8365.0
May 22, 2013
Typical Operating Performance
Unless otherwise noted,
TA = +25°C, VIN = 5V, EN = 5V, L = 1.0µH, CIN =4x47µF, COUT = 10x100µF, VOUT = 1.8V, IOUT = 0A to 6A.
FIGURE 5. EFFICIENCY vs LOAD, VIN = 3.3V
FIGURE 6. EFFICIENCY vs LOAD, VIN = 5.0V
FIGURE 7. POWER DISSIPATION vs LOAD, VIN = 3.3V
FIGURE 8. POWER DISSIPATION vs LOAD, VIN = 5.0V
FIGURE 9. VOUT REGULATION vs ILOAD, VIN = 3.3V (NORMALIZED
to ILOAD = 0)
FIGURE 10. VOUT REGULATION vs ILOAD, VIN = 5.0V (NORMALIZED
to ILOAD = 0)
70
75
80
85
90
95
100
0
ILOAD (A)
123456
1.5V
1.2V
1.8V
2.5V
70
75
80
85
90
95
100
ILOAD (A)
0123456
1.5V
1.2V
1.8V
2.5V
3.3V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
ILOAD (A)
123456
1.5V
1.2V
1.8V
2.5V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
ILOAD (A)
123456
1.5V
1.2V
1.8V
2.5V
3.3V
-0.005
-0.004
-0.003
-0.002
-0.001
0
0.001
0.002
0.003
0.004
0.005
0
ILOAD (A)
123456
1.5V
1.2V
1.8V
2.5V
-0.010
-0.005
0
0.005
0.010
0
ILOAD (A)
123456
1.5V
1.2V
1.8V
2.5V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com