Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-R7 Datasheet(PDF) 8 Page - Anachip Corp

Part # ADP7182ACPZ-R7
Description  ??8 V, ??00 mA, Low Noise, Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ADP7182ACPZ-R7 Datasheet(HTML) 8 Page - Anachip Corp

Back Button ADP7182ACPZ-R7 Datasheet HTML 4Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 5Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 6Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 7Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 8Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 9Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 10Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 11Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 12Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP7182
Data Sheet
Rev. A | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = −3.5 V, VOUT = −3 V, IOUT = −10 mA, CIN = COUT = 2.2 µF, TA = 25°C, unless otherwise noted.
–2.970
–3.020
–3.015
–3.010
–3.005
–3.000
–2.995
–2.990
–2.985
–2.980
–2.975
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 7. Output Voltage (VOUT) vs. Junction Temperature (TJ)
–2.95
–3.05
–3.04
–3.03
–3.02
–3.01
–3.00
–2.99
–2.98
–2.97
–2.96
–200
–150
–50
–100
0
50
ILOAD (mA)
Figure 8. Output Voltage (VOUT) vs. Load Current (ILOAD)
–2.90
–2.95
–3.00
–3.05
–3.10
–30
–20
–10
–25
–15
–5
0
VIN (V)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 9. Output Voltage (VOUT) vs. Input Voltage (VIN)
0
–800
–700
–600
–500
–400
–300
–200
–100
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 10. Ground Current vs. Junction Temperature (TJ)
–250
–200
–150
–50
–100
0
50
ILOAD (mA)
0
–800
–700
–600
–500
–400
–300
–200
–100
Figure 11. Ground Current vs. Load Current (ILOAD)
0
–800
–700
–600
–500
–400
–300
–200
–100
–30
–20
–10
–25
–15
–5
0
VIN (V)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 12. Ground Current vs. Input Voltage (VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com