Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-R7 Datasheet(PDF) 20 Page - Anachip Corp

Part # ADP7182ACPZ-R7
Description  ??8 V, ??00 mA, Low Noise, Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ADP7182ACPZ-R7 Datasheet(HTML) 20 Page - Anachip Corp

Back Button ADP7182ACPZ-R7 Datasheet HTML 16Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 17Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 18Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 19Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 20Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 21Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 22Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 23Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 24Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADP7182
Data Sheet
Rev. A | Page 20 of 28
THEORY OF OPERATION
The ADP7182 is a low quiescent current, LDO linear regulator
that operates from −2.7 V to −28 V and can provide up to −200 mA
of output current. Drawing a low −650 µA of quiescent current
(typical) at full load makes the ADP7182 ideal for battery-powered
portable equipment. Maximum shutdown current consumption
is −8 µA at room temperature.
Optimized for use with small 2.2 µF ceramic capacitors, the
ADP7182 provides excellent transient performance.
VOUT
GND
EN
VIN
REFERENCE
SHUTDOWN
R2
R1
SHORT
CIRCUIT
THERMAL
PROTECT
VREG
Figure 75. Fixed Output Voltage Internal Block Diagram
VOUT
ADJ
GND
EN
VIN
–1.22V
REFERENCE
SHUTDOWN
SHORT
CIRCUIT
THERMAL
PROTECT
VREG
Figure 76. Adjustable Output Voltage Internal Block Diagram
Internally, the ADP7182 consists of a reference, an error amplifier,
a feedback voltage divider, and an NMOS pass transistor.
Output current is delivered via the NMOS pass transistor,
which is controlled by the error amplifier. The error amplifier
compares the reference voltage with the feedback voltage from
the output and amplifies the difference. If the feedback voltage is
more positive than the reference voltage, the gate of the NMOS
transistor is pulled toward GND, allowing more current to pass
and increasing the output voltage. If the feedback voltage is more
negative than the reference voltage, the gate of the NMOS
transistor is pulled toward −VIN, allowing less current to pass
and decreasing the output voltage.
The ESD protection devices are shown in the block diagram as
Zener diodes (see Figure 75 and Figure 76).
ENABLE PIN OPERATION
The ADP7182 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. When EN is at ±2 V with
respect to GND, VOUT turns on, and when EN is at 0 V, VOUT
turns off. For automatic startup, EN can be connected to VIN.
ADJUSTABLE MODE OPERATION
The ADP7182 is available in a fixed output voltage and an
adjustable mode version with an output voltage that can be set
to between −1.22 V and −27 V by an external voltage divider. The
output voltage can be set according to
−VOUT = −1.22 V (1 + RFB1/RFB2)
RFB2 must be less than 120 kΩ to minimize the output voltage errors
due to the leakage current of the ADJ pin. The error voltage
caused by the ADJ pin leakage current is the parallel combination
of RFB1 and RFB2 times the ADJ pin leakage current.
For example, when RFB1 = RFB2 = 120 kΩ, the output voltage is
−2.44 V and the error due to the typical ADJ pin leakage current
(10 nA) is 60 kΩ times 10 nA, or 6 mV. This example results in
an output voltage error of 0.245%.
The addition of a small capacitor (~100 pF) in parallel with
RFB1 can improve the stability of the ADP7182. Larger values of
capacitance also reduce the noise and improve PSRR (see the
Noise Reduction of the Adjustable ADP7182 section).
RFB2
120kΩ
RFB1
120kΩ
GND
EN
ADJ
VIN
VOUT
ADP7182
ON
ON
–2V
OFF
0V
2V
VIN = –3V
VOUT = –2.44V
COUT
2.2µF
CIN
2.2µF
Figure 77. Setting Adjustable Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com