Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-R7 Datasheet(PDF) 15 Page - Anachip Corp

Part # ADP7182ACPZ-R7
Description  ??8 V, ??00 mA, Low Noise, Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ADP7182ACPZ-R7 Datasheet(HTML) 15 Page - Anachip Corp

Back Button ADP7182ACPZ-R7 Datasheet HTML 11Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 12Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 13Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 14Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 15Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 16Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 17Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 18Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 19Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADP7182
Rev. A | Page 15 of 28
0
–80
–70
–60
–50
–40
–30
–20
–10
1.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
HEADROOM VOLTAGE (V)
FREQUENCY = 100Hz
FREQUENCY = 1kHz
FREQUENCY = 10kHz
FREQUENCY = 100kHz
FREQUENCY = 1MHz
FREQUENCY = 10MHz
Figure 49. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
VOUT = −1.22 V, Load Current (ILOAD) = −200 mA
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ILOAD = –200mA
ILOAD = –100mA
ILOAD = –10mA
ILOAD = –1mA
Figure 50. Power Supply Rejection Ratio (PSRR) vs. Frequency,
VOUT = −1.8 V vs. Different Load Currents (ILOAD), VIN = −2.8 V
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ILOAD = –200mA
ILOAD = –100mA
ILOAD = –10mA
ILOAD = –1mA
Figure 51. Power Supply Rejection Ratio (PSRR) vs. Frequency,
VOUT = −1.8 V vs. Different Load Currents (ILOAD), VIN = −5.5 V
0
–80
–70
–60
–50
–40
–30
–20
–10
1.0
4.0
3.5
3.0
2.5
2.0
1.5
HEADROOM VOLTAGE (V)
FREQUENCY = 100Hz
FREQUENCY = 1kHz
FREQUENCY = 10kHz
FREQUENCY = 100kHz
FREQUENCY = 1MHz
FREQUENCY = 10MHz
Figure 52. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
VOUT = −1.8 V, Load Current (ILOAD) = −200 mA
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ILOAD = –200mA
ILOAD = –100mA
ILOAD = –10mA
ILOAD = –1mA
Figure 53. Power Supply Rejection Ratio (PSRR) vs. Frequency,
VOUT = −3 V vs. Different Load Currents (ILOAD), VIN = −4.0 V
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ILOAD = –200mA
ILOAD = –100mA
ILOAD = –10mA
ILOAD = –1mA
Figure 54. Power Supply Rejection Ratio (PSRR) vs. Frequency,
VOUT = −3 V vs. Different Load Currents (ILOAD), VIN = −5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com