Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-R7 Datasheet(PDF) 25 Page - Anachip Corp

Part # ADP7182ACPZ-R7
Description  ??8 V, ??00 mA, Low Noise, Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ADP7182ACPZ-R7 Datasheet(HTML) 25 Page - Anachip Corp

Back Button ADP7182ACPZ-R7 Datasheet HTML 20Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 21Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 22Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 23Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 24Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 25Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 26Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 27Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 28Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADP7182
Rev. A | Page 25 of 28
140
120
100
80
60
40
20
0
0
1.2
1.0
0.8
0.6
0.4
0.2
TOTAL POWER DISSIPATION (W)
6400mm2
1000mm2
500mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 88. Junction Temperature vs. Total Power Dissipation for the
8-Lead LFCSP, TA = 50°C
140
120
100
80
60
40
20
0
0
1.2
1.0
0.8
0.6
0.4
0.2
TOTAL POWER DISSIPATION (W)
6400mm2
1000mm2
500mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 89. Junction Temperature vs. Total Power Dissipation for the
8-Lead LFCSP, TA = 85°C
140
120
100
80
60
40
20
0
0
1.2
1.0
0.8
0.6
0.4
0.2
TOTAL POWER DISSIPATION (W)
500mm2
300mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 90. Junction Temperature vs. Total Power Dissipation for the
5-Lead TSOT, TA = 25°C
140
120
100
80
60
40
20
0
0
0.7
0.5
0.6
0.4
0.3
0.2
0.1
TOTAL POWER DISSIPATION (W)
500mm2
300mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 91. Junction Temperature vs. Total Power Dissipation for the
5-Lead TSOT, TA = 50°C
140
120
100
80
60
40
20
0
0
0.40
0.35
0.25
0.30
0.20
0.15
0.10
0.05
TOTAL POWER DISSIPATION (W)
500mm2
300mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 92. Junction Temperature vs. Total Power Dissipation for the
5-Lead TSOT, TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com