Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-R7 Datasheet(PDF) 10 Page - Anachip Corp

Part # ADP7182ACPZ-R7
Description  ??8 V, ??00 mA, Low Noise, Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ADP7182ACPZ-R7 Datasheet(HTML) 10 Page - Anachip Corp

Back Button ADP7182ACPZ-R7 Datasheet HTML 6Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 7Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 8Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 9Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 10Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 11Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 12Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 13Page - Anachip Corp ADP7182ACPZ-R7 Datasheet HTML 14Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP7182
Data Sheet
Rev. A | Page 10 of 28
–4.97
–4.98
–4.99
–5.00
–5.01
–5.02
–5.03
–30
–20
–10
–25
–15
–5
0
VIN (V)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 19. Output Voltage vs. Input Voltage (VIN), VOUT = −5 V
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
0
–800
–700
–600
–500
–400
–300
–200
–100
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 20. Ground Current vs. Junction Temperature (TJ), VOUT = −5 V
0
–800
–700
–600
–500
–400
–300
–200
–100
–200
–150
–100
–50
0
ILOAD (mA)
Figure 21. Ground Current vs. Load Current (ILOAD), VOUT = −5 V
–30
–20
–10
–25
–15
–5
0
VIN (V)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
0
–800
–700
–600
–500
–400
–300
–200
–100
Figure 22. Ground Current vs. Input Voltage (VIN), VOUT = −5 V
0
–160
–140
–120
–100
–80
–60
–40
–20
1
10
100
1000
ILOAD (mA)
Figure 23. Dropout Voltage vs. Load Current (ILOAD), VOUT = −5 V
–4.60
–4.65
–4.70
–4.75
–4.80
–4.85
–4.90
–4.95
–5.05
–5.00
–5.4
–5.2
–5.0
–4.8
VIN (V)
ILOAD = –5mA
ILOAD = –10mA
ILOAD = –25mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 24. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout, VOUT = −5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com